Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3310
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3310 Datasheet HTML 20Page - Analog Devices LTC3310 Datasheet HTML 21Page - Analog Devices LTC3310 Datasheet HTML 22Page - Analog Devices LTC3310 Datasheet HTML 23Page - Analog Devices LTC3310 Datasheet HTML 24Page - Analog Devices LTC3310 Datasheet HTML 25Page - Analog Devices LTC3310 Datasheet HTML 26Page - Analog Devices LTC3310 Datasheet HTML 27Page - Analog Devices LTC3310 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3312SA
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
10F
1F
10F
PVIN2
EN2
MODE/SYNC
SSTT2
SSTT1
VOUT1
VOUT2
RT
AVIN
EN1
PVIN1
LTC3312SA
SW1
FB1
PGOOD1
PGOOD2
SW2
FB2
PGND
3312SA TA02
AGND
10pF
330nH
1M
1M
10pF
220nH
140k
100k
47F
×2
VOUT1
1.2V, 6A
VOUT2
1.8V, 6A
107k
41.2k
47F
×2
VIN
5V
Dual 1.2V and 1.8V, 2MHz, 6A, VIN = 5V, Pulse-Skipping Mode
Single Output 2-Phase, 0.75V, 3MHz, 12A, VIN = 3.3V, tSS = 4.9ms, Burst Mode Operation
10F
1F
10F
39nF
22.6k
SSTT1
RT
MODE/SYNC
FB2
EN2
SSTT2
PVIN2
AVIN
EN1
PVIN1
LTC3312SA
SW1
FB1
AGND
PGOOD1
PGOOD2
NC
1M
VOUT
SW2
3312SA TA03
PGND
150nH
150nH
15pF
100k
200k
47F
×4
VOUT
0.75V, 12A
VIN
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com