Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3310
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 3 Page - Analog Devices

  LTC3310 Datasheet HTML 1Page - Analog Devices LTC3310 Datasheet HTML 2Page - Analog Devices LTC3310 Datasheet HTML 3Page - Analog Devices LTC3310 Datasheet HTML 4Page - Analog Devices LTC3310 Datasheet HTML 5Page - Analog Devices LTC3310 Datasheet HTML 6Page - Analog Devices LTC3310 Datasheet HTML 7Page - Analog Devices LTC3310 Datasheet HTML 8Page - Analog Devices LTC3310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3312SA
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage (PVIN)
l
2.25
5.5
V
PVIN Undervoltage Lockout
PVIN Undervoltage Lockout Hysteresis
PVIN Rising
l
2.05
2.15
150
2.25
V
mV
PVIN Quiescent Current in Shutdown
1.4
3
μA
PVIN Quiescent Current with One Buck Enabled
Burst Mode Operation, Sleeping
All Modes, Not Sleeping, (Note 3)
50
1.5
80
2.3
µA
mA
PVIN Quiescent Current with Both Bucks Enabled Burst Mode Operation, Sleeping
All Modes, Not Sleeping, (Note 3)
90
2.8
130
4.2
µA
mA
Enable Threshold
Enable Threshold Hysteresis
VEN Rising
l
0.375
0.4
50
0.425
V
mV
EN Pin Leakage
±20
nA
Voltage Regulation, Buck 1 and Buck 2
Regulated Feedback Voltage (VFB)
l
495
500
505
mV
Feedback Voltage Line Regulation
2.25V ≤ PVIN ≤ 5.5V
0.02
0.1
%/V
Feedback Pin Input Current
VFB = 500mV
±20
nA
Top Switch Current Limit (IPEAKMAX)
Current Out of SW, VOUT/VIN ≤ 0.2V
9.1
9.6
10.1
A
Bottom Switch Current Limit (IVALLEYMAX)
Current Out of SW
7.8
A
Bottom Switch Reverse Current Limit (ILIMR)
Current into SW, Forced Continuous Mode
2.5
4.0
5.5
A
Top Switch ON-Resistance
12
mΩ
Bottom Switch ON-Resistance
8
mΩ
SW Leakage Current
Shutdown, VIN = 5.5V
±1
μA
Minimum On-Time
VIN = 5.5V
l
35
50
ns
Maximum Duty-Cycle
l
98
%
Overtemperature Shutdown (OT)
Overtemperature Shutdown Hysteresis
Temperature Rising (Note 4)
165
5
°C
°C
Power Good/Soft-Start/Temp Monitor
PGOOD Rising Threshold
PGOOD Hysteresis
As a % of the Regulated VOUT
l
l
97
0.6
98
1.1
99
1.6
%
%
Overvoltage Rising Threshold
Overvoltage Hysteresis
As a % of the Regulated VOUT
l
l
107
1
110
2.2
114
3.5
%
%
PGOOD Delay
100
μs
PGOOD Pull-Down Resistance
VPGOOD = 0.1V
10
20
Ω
PGOOD Leakage Current
VPGOOD = 5.5V
20
nA
Default Soft-Start Duration
VSSTT = AVIN, VOUT Rising from 0V to PGOOD
Threshold
1
ms
Soft-Start Charge Current
VSSTT = 0.5V
l
3
4
5
μA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, unless otherwise noted. PVIN = PVIN1 = PVIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com