Electronic Components Datasheet Search
  English  ▼

X  

LTC3310 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3310
Description  5V, Dual 6A/Dual-Phase 12A Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3310 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3310 Datasheet HTML 7Page - Analog Devices LTC3310 Datasheet HTML 8Page - Analog Devices LTC3310 Datasheet HTML 9Page - Analog Devices LTC3310 Datasheet HTML 10Page - Analog Devices LTC3310 Datasheet HTML 11Page - Analog Devices LTC3310 Datasheet HTML 12Page - Analog Devices LTC3310 Datasheet HTML 13Page - Analog Devices LTC3310 Datasheet HTML 14Page - Analog Devices LTC3310 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC3312SA
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PGOOD2 (Pin 16): Power Good (Open-Drain) Output for
Buck Regulator 2. When the regulated output voltage
is outside the power-good voltage window, and PVIN is
above 2.25V, this pin is driven LOW. The PGOOD2 out-
put is also pulled low when VIN is above 2.25V and Buck
Regulator 2 is in shutdown.
FB2 (Pin 17): Feedback Input for Buck Regulator 2.
Program the output voltage of Buck 2 by connecting this
pin to the middle node of a resistor divider between the
output and ground. The FB2 pin is regulated to 500mV. A
phase lead capacitor connected between VOUT2 and FB2
may be used to optimize transient response.
EN2 (Pin 18): Active high Enable Input for Buck
Regulator 2. The EN2 pin has a precision threshold. An
external resistor divider from VIN, or from another sup-
ply, can be used to program when Buck Regulator 2 is
enabled. If the enable function is not required, tie EN2
directly to AVIN. The EN2 pin should not be floated.
RT (Pin 19): The RT pin sets the switching frequency with
an external resistor to AGND. If this pin is tied to AVIN,
the buck will switch at the default oscillator frequency. If
the external clock is driving the MODE/SYNC pin, the RT
pin is ignored.
AGND (Pin 20): The AGND pin is the ground pin for
the internal bias circuits, including the bandgap refer-
ence. Connect the bottom resistor of the FB1 and FB2
resistor dividers to the AGND pin for accurate output
voltage regulation.
AVIN (Pin 21): Filtered Input Supply used to bias the inter-
nal bandgap reference and buck control circuits. There are
internal 20Ω resistors from PVIN1 to AVIN, and from PVIN2
to AVIN. Connect a 1µF ceramic capacitor from AVIN to
AGND to provide a filtered supply for the internal control
circuits. Do not externally load this pin.
SSTT2 (Pin 22): Soft-Start, Tracking, Temperature Monitor
Input for Buck Regulator 2. An internal 4µA current into
an external capacitor on the soft-start pin programs the
output voltage ramp rate for during start-up. When SSTT2
is below 0.5V, the FB2 pin voltage will track the SSTT2 pin
voltage. When SSTT2 is above 0.5V, the tracking function
is disabled, the internal reference resumes control of the
error amplifier and the SSTT2 pin servos to a voltage
proportional to junction temperature. For a clean recov-
ery from an output short circuit condition, the SSTT2
pin is pulled down to approximately 100mV above the
VFB voltage and a new soft-start cycle is initiated. During
shutdown and fault conditions, the SSTT2 pin is pulled to
ground. Short the SSTT2 pin to AVIN to use an internally
set default soft-start time of 1ms (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com