Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0482 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0482 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Table 3. Pin Definitions for HDMP-0482.
Pin Name
Pin
Pin Type
Pin Description
TO_NODE[0]+
20
HS_OUT
Serial Data Outputs: High-speed outputs to a hard disk drive or to a cable input.
TO_NODE[0]-
19
TO_NODE[1]+
23
TO_NODE[1]-
22
TO_NODE[2]+
32
TO_NODE[2]-
31
TO_NODE[3]+
35
TO_NODE[3]-
34
TO_NODE[4]+
44
TO_NODE[4]-
43
TO_NODE[5]+
47
TO_NODE[5]-
46
TO_NODE[6]+
57
TO_NODE[6]-
56
TO_NODE[7]+
60
TO_NODE[7]-
59
FM_NODE[0]+
16
HS_IN
Serial Data Inputs: High-speed inputs from a hard disk drive or from a cable output.
FM_NODE[0]-
15
FM_NODE[1]+
26
FM_NODE[1]-
25
FM_NODE[2]+
29
FM_NODE[2]-
28
FM_NODE[3]+
38
FM_NODE[3]-
37
FM_NODE[4]+
41
FM_NODE[4]-
40
FM_NODE[5]+
51
FM_NODE[5]-
50
FM_NODE[6]+
54
FM_NODE[6]-
53
FM_NODE[7]+
63
FM_NODE[7]-
62
BYPASS[0]-
13
I-LVTTL
Bypass Inputs: For “disk bypassed” mode, connect BYPASS[n]- to GND through a1k
Ω resistor.
BYPASS[1]-
24
For “disk in loop” mode, float HIGH.
BYPASS[2]-
30
BYPASS[3]-
36
BYPASS[4]-
42
BYPASS[5]-
49
BYPASS[6]-
55
BYPASS[7]-
1
REFCLK
2
I-LVTTL
Reference Clock: A user-supplied clock reference used for frequency acquisition in
the Clock and Data Recovery (CDR) circuit.
CPLL1
10
C
Loop Filter Capacitor: A loop filter capacitor for the internal Clock and Data Recovery (CDR) circuit
CPLL0
11
must be connected across the CPLL1 and CPLL0 pins. Recommended value is 0.1
µF.
FM_NODE[7]_AV
14
O-LVTTL
Amplitude Valid: Indicates acceptable signal amplitude on the FM_NODE[7]
± inputs.
If (FM_NODE[7]+ - FM_NODE[7]-) >= 400 mV peak-to-peak, FM_NODE[7]_AV = 1
If 400 mV > (FM_NODE[7]+ - FM_NODE[7]-) > 100 mV, FM_NODE[7]_AV = unpredictable
If 100 mV >= (FM_NODE[7]+ - FM_NODE[7]-),
FM_NODE[7]_AV = 0
FM_NODE[0]_DV
4
O-LVTTL
Data Valid: Indicates valid Fibre Channel Data on the FM_NODE[0]
± inputs when HIGH. Indicates
either run length violation error or no comma detected when LOW.
RFCM
3
I-LVTTL
Reference Clock Mode: To configure a one-twentieth-rate reference clock, connect RFCM to
GND through a 1k
Ω resistor. To configure a one-tenth-rate reference clock, float RFCM HIGH.
MODE_VDD
7
I_LVTTL
Valid Data Detect Mode: To allow data valid detection, float MODE_VDD HIGH. To configure chip for
“CDR anywhere” capability, connect MODE_VDD to GND through a 1k
Ω resistor.
FSEL
12
I_LVTTL
Frame Select: To configure single-frame operation of the data valid and amplitude valid
detection circuits, connect FSEL to GND through a 1k resistor. To configure multi-frame (4-frame)
operation of the data valid and amplitude valid detection circuits, float FSEL HIGH.
Table 3 is continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com