Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0482 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
HDMP-0482 DC Electrical Specifications, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Units
V
IH,LVTTL
LVTTL Input High Voltage Range
2.0
4.0
V
V
IL,LVTTL
LVTTL Input Low Voltage Range
0
0.8
V
V
OH,LVTTL
LVTTL Output High Voltage Range, I
OH = -400 µA
2.2
3.45
V
V
OL,LVTTL
LVTTL Output Low Voltage Level, I
OL = 1 mA
0
0.6
V
I
IH,LVTTL
Input High Current (Magnitude), V
IN = 2.4 V, VCC = 3.45 V
.003
40
µA
I
IL,LVTTL
Input Low Current (Magnitude), V
IN = 0.4 V, VCC = 3.45 V
300
600
µA
I
CC
Total Supply Current, Ta = 25°C
330
400
mA
HDMP-0482 AC Electrical Specifications, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Min.
Typ.
Max.
Units
t
loop
Total Loop Latency from FM_NODE[0] to TO_NODE[0]
2.8
4.2
ns
t
cell
Per Cell Latency from FM_NODE[7] to TO_NODE[0]
0.5
0.8
ns
t
r,LVTTLin
Input LVTTL Rise Time Requirement, 0.8 V to 2.0 V
2
ns
t
f,LVTTLin
Input LVTTL Fall Time Requirement, 2.0 V to 0.8 V
2
ns
t
rs,HS_OUT
HS_OUT Single-Ended Rise Time, 20%-80%
200
350
ps
t
fs,HS_OUT
HS_OUT Single-Ended Rise Time, 20%-80%
200
350
ps
t
rd,HS_OUT
HS_OUT Differential Rise Time, 20%-80%
200
350
ps
t
fd,HS_OUT
HS_OUT Differential Rise Time, 20%-80%
200
350
ps
V
IP,HS_IN
HS_IN Input Peak to Peak Required Differential Voltage Range
400
1200
2000
mV
V
OP,HS_OUT
HS_OUT Output Pk-Pk Diff. Voltage Range (Z0 = 75
Ω, Fig. 9)
1100
1400
2000
mV
HDMP-0482 Output Jitter Characteristics, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Unit
Typ.
Max.
RJ
Random Jitter at TO_NODE pins (1 sigma rms)
ps
5
DJ
Deterministic Jitter at TO_NODE pins (pk-pk)
ps
24
Please refer to Figures 6 and 7 for jitter measurement setup information.
HDMP-0482 Locking Characteristics, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Parameter
Unit
Max.
Bit Sync Time (phase lock)
bits
2500
Frequency Lock at Powerup
µs
500
HDMP-0482 Power Dissipation, Ta = 0°C to +70°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Unit
Typ.
Max.
P
D
Power Dissipation
mW
1090
1380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com