Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0482 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Package Information
HDMP-0482 Thermal Characteristics, TC = 0°C to 85°C, VCC = 3.15V to 3.45V
Symbol
Parameter
Unit
Typ.
Max.
θjc
Thermal Resistance, Junction to Case
°C/W
9.5
—
Note: Based on independent testing by Agilent.
θ
ja for these devices is 39.4°C/W for the HDMP-0482.
θ
ja is measured on a standard 3x 3” FR4 PCB in a still air environment. To determine the actual
junction temperature in a given application, use the following equation: Tj =TC + (θjc x PD), where TC
is the case temperature measured on the top center of the package, and P
D is the power being
dissipated.
Item
Details
Package Material
Plastic
Lead Finish Material
85% Tin, 15% Lead
Lead Finish Thickness
300 – 800 micro-inches
Lead Skew
0.20 mm max.
Lead Coplanarity
0.10 mm max.
(Seating Plane Method)
Figure 10. HDMP-0482 Package Drawing.
Mechanical Dimensions of HDMP-0482
Dimensional Parameter
D1/E1
D/E
b
e
L
c
G
A2
A1
A
(in millmeters)
HDMP-0482
14.00
17.20
0.35
0.80
0.88
0.17
0.25
2.00
0.25
2.35
Max
Tolerance
±0.10
±0.25
±0.05
Basic
+0.15/
Max
Gage
+0.10/
Max
-0.10
Plane
-0.05
PIN #1 ID
E
E1
D
D1
e
b
c
A1
A2
L
G
A
HDMP-0482
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com