Electronic Components Datasheet Search
  English  ▼

X  

HDMP-0482 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HDMP-0482
Description  Octal Cell Port Bypass Circuit with CDR and Data Valid Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-0482 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HDMP-0482 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-0482 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Figure 11. Recommended Power Supply Filtering. Capacitors = 0.1
µF, Resistor = 10Ω.
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
HDMP-0482
GND
GND
CPLL1
CPLL0
VCC
VCC
VCC
GND
VCC
VCC
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (65) 6756 2394
India, Australia, New Zealand: (65) 6755 1939
Japan: (+81 3) 3335-8152(Domestic/International), or
0120-61-1280(Domestic Only)
Korea: (65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand, Philippines,
Indonesia: (65) 6755 2044
Taiwan: (65) 6755 1843
Data subject to change.
Copyright © 2003 Agilent Technologies, Inc.
Obsoletes 5988-7140EN
June 16, 2003
5988-9758EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com