Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 2 Page - NXP Semiconductors

  RT600 Datasheet HTML 1Page - NXP Semiconductors RT600 Datasheet HTML 2Page - NXP Semiconductors RT600 Datasheet HTML 3Page - NXP Semiconductors RT600 Datasheet HTML 4Page - NXP Semiconductors RT600 Datasheet HTML 5Page - NXP Semiconductors RT600 Datasheet HTML 6Page - NXP Semiconductors RT600 Datasheet HTML 7Page - NXP Semiconductors RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 165 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.9 — 30 December 2021
2 of 163
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
interface supporting up to eight channels and Voice Activation Detect, one I3C interface,
one high-speed SPI interface and seven configurable serial interfaces that can be
configured as a USART, SPI, I2C or I2S bus interface, each including a FIFO. When
configured as USARTs the serial interfaces have the option to operate in deep-sleep
mode using the 32 kHz oscillator or an external clock. There is a dedicated fractional baud
rate generator for each of the serial interfaces.
Timing peripherals include one advanced, 32-bit SCTimer/PWM module, five general
purpose 32-bit timer/counters with PWM capability, a 24-bit, multiple-channel multi-rate
timer, two windowed watchdog timers, a system tick timer with capture capability, and a
Real-time clock module with independent power and a dedicated oscillator. A common OS
Event Timer is provided for synchronized event generation and timestamping between the
two CPUs.
There are two general purpose DMA engines which can service most of the peripherals
described in this section. The two DMA engines may be assigned to different CPUs and/or
one may be used for secure operations, the other for non-secure.
Mailboxes and hardware semaphores are provided to facilitate inter-core communication.
A variety of oscillators and PLLs are available as clock sources throughout the system.
1.2 Shared system SRAM
The entire system SRAM space of up to 4.5 MB is divided into up to 30 separate
partitions, which are accessible to both CPUs, both DMA engines, and all other AHB bus
masters. The HiFi4 CPU accesses the RAM via a dedicated 256-bit interface. Cache (with
single-cycle access) is provided on this interface to improve performance. All other
masters, including the Cortex-M33 processor and the DMA engines, access RAM via the
main 32-bit AHB bus. These accesses are all single-cycle. Hardware interface modules
arbitrate access to each RAM partition between the HiFi4 and the AHB bus.
Under software control, each of the 30 individual SRAM partitions can be used exclusively
as code or as data, dedicated either CPU, or shared among the various masters. Each
partition can be independently placed in a low-power retention mode or powered off
entirely.
In addition to the shared SRAM, a total of 128 KB (64 KB code, 64 KB data) of local,
Tightly-Coupled Memory (TCM) is provided for the exclusive use of the HiFi4 DSP
processor. Access to this memory is single-cycle.
2. Features and benefits
Control processor core
Arm Cortex-M33 processor, running at frequencies of up to 300 MHz.
Arm TrustZone.
Arm Cortex-M33 built-in Memory Protection Unit (MPU) supporting eight regions
Hardware Floating Point Unit (FPU).
Arm Cortex-M33 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com