Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 9Page - NXP Semiconductors RT600 Datasheet HTML 10Page - NXP Semiconductors RT600 Datasheet HTML 11Page - NXP Semiconductors RT600 Datasheet HTML 12Page - NXP Semiconductors RT600 Datasheet HTML 13Page - NXP Semiconductors RT600 Datasheet HTML 14Page - NXP Semiconductors RT600 Datasheet HTML 15Page - NXP Semiconductors RT600 Datasheet HTML 16Page - NXP Semiconductors RT600 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 165 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.9 — 30 December 2021
13 of 163
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
Fig 4.
Block diagram - Cortex-M33 view (Not all features are available in all packages. Flexcomm Interfaces 0 through7 each
include USART, SPI, I2C, and I2S functions. Grey-shaded blocks indicate peripherals that provide DMA requests or are
otherwise able to trigger DMA transfers. Hash-AES and SDIO include a dedicated DMA function.
)
Multilayer
AHB Matrix
ARM
Cortex-M33
with FPU&MPU
AHB to
APB bridge
Serial Wire Debug
(shared with DSP)
Debug Interface
SDIO/
eMMC
0
FlexSPI
Flash Intf
On-the-fly AES
decryp (OTFAD)
32 KB
cache
AHB to
APB bridge
PwrQuad
coprocessor
Casper
coprocessor
200221
JTAG boundary scan
HS GPIO
ports 0-4, 7
9 matrix ports connected to 4.5 MB shared RAM
partitions (see related text & figure for details)
RESET
CLKOUT
clock generation,
power control,
and other
system functions
Power-On Reset
PLLs
Internal oscillators
Crystal, clock
inputs, etc.
FlexComm
Interfaces 4 to 7
FlexComm Intf
14 (SPI-only)
FlexComm Intf
15 (I2C-only)
DMA0
registers
DMA1
registers
Boot Rom
226 KB
CRC Engine
OS Timer
Semaphore
Message
Unit
D-Mic: 8-ch, with
decimator, VAD, etc
16 Kb OTP
array
SDIO0
registers
Random
Number Gen
FlexSPI &
OTFAD regs
ADC: 12-bit,
10 channel
Temp
Sensor
SCTimer/
PWM
Secure
Control regs
USB RAM
(16KB)
HS USB
host regs
HS USB
device regs
Secure
GPIO 0
to DSP inbound PIF
(see related text & figure for details)
PwrQuad
registers
CASPER
RAM
Hash-Crypt
slave i/f
C-AHB
S-AHB
APB slave group 0
I/O Configuration
RSTCTLa, CLKCTLa, SYSCTLa
PUF
Windowed Watchdog0
MicroTick Timer
APB slave group 1
RSTCTLb, CLKCTLb, SYSCTLb
GPIO Pin Interrupt Control
5x 32-bit Timers (T0-4)
Periph Input Mux Selects
Multi-Rate Timer
Frequency Measure
I3C
32 kHz osc
& dividers
RTC Alarm Match
RTC Subsec Counter
RTC Alarm Counter
RTC Wake Counter
RTC count
Watchdog
clock
Windowed Watchdog1
Watchdog clock
Always-on
Power Domain
Debug
Mailbox
FlexComm
Interfaces 0 to 3
ACMP
registers
DMAC
0
HiFi4
DSP
AHB
master
USB PHY
registers
channel A
channel B
DMAC
1
Hash-
AES
SDIO1
registers
P2 .. P10
P11
P1
P0
P12
P14
P13
P15
P17
P16
arbi-
tration
CASPER
registers
SDIO/
eMMC
1
HS USB
Bus
USB HS
controller
and PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com