Electronic Components Datasheet Search
  English  ▼

X  

RT600 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # RT600
Description  Dual-core microcontroller with 32-bit Cortex짰-M33 and Xtensa HiFi4 Audio DSP CPUs
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT600 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button RT600 Datasheet HTML 5Page - NXP Semiconductors RT600 Datasheet HTML 6Page - NXP Semiconductors RT600 Datasheet HTML 7Page - NXP Semiconductors RT600 Datasheet HTML 8Page - NXP Semiconductors RT600 Datasheet HTML 9Page - NXP Semiconductors RT600 Datasheet HTML 10Page - NXP Semiconductors RT600 Datasheet HTML 11Page - NXP Semiconductors RT600 Datasheet HTML 12Page - NXP Semiconductors RT600 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 165 page
background image
RT600
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.9 — 30 December 2021
9 of 163
NXP Semiconductors
RT600
Dual-core microcontroller with 32-bit Cortex-M33 and Xtensa HiFi4
Audio DSP CPUs
4.1 Ordering options
[1]
On WLCSP114 package, USB ISP mode is not supported. VBUS pin is not available on the WLCSP114 package. To detect VBUS
connection, user can connect a GPIO pin to the USB connector's VBUS. When a rising edge occurs on the GPIO pin, software should
set bit 10 (FORCE_VBUS) and bit 16 (DCON) in the DEVCMDSTAT register.
[2]
On WLCSP114 package, the Flexcomm interface 6 can only be used as a UART peripheral, I2C peripheral, or I2S peripheral (using I2S
signal sharing feature).
[3]
This interface is intended primarily for communication with an external power management device (PMIC), but can be used for other
purposes when the application does not use an external PMIC.
[4]
USB ISP can only boot with an external crystal oscillator of 24 MHz.
Table 2.
Ordering options 4
MIMXRT685SFFOB
FOWLP249 Yes Yes
4.5 Yes
Yes
Yes
Yes
Yes
8
Yes Yes
147 2
MIMXRT685SFVKB
VFBGA176
Yes Yes
4.5 Yes
Yes
Yes
Yes
Yes
6
Yes Yes
96
1
MIMXRT685SFAWBR WLCSP114
Yes Yes
4.5 Yes
Yes
No
No
No
7[2] Yes No
65
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com