Electronic Components Datasheet Search
  English  ▼

X  

SC18IS604 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SC18IS604
Description  SPI to I2C-bus bridge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS604 Datasheet(HTML) 1 Page - NXP Semiconductors

  SC18IS604 Datasheet HTML 1Page - NXP Semiconductors SC18IS604 Datasheet HTML 2Page - NXP Semiconductors SC18IS604 Datasheet HTML 3Page - NXP Semiconductors SC18IS604 Datasheet HTML 4Page - NXP Semiconductors SC18IS604 Datasheet HTML 5Page - NXP Semiconductors SC18IS604 Datasheet HTML 6Page - NXP Semiconductors SC18IS604 Datasheet HTML 7Page - NXP Semiconductors SC18IS604 Datasheet HTML 8Page - NXP Semiconductors SC18IS604 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SC18IS604
SPI to I2C-bus bridge
Rev. 1.0 — 22 September 2021
Product data sheet
1 General description
SC18IS604 is designed to serve as an interface between the standard SPI of a host
(microcontroller, microprocessor, chip set, etc.) and the serial I2C-bus. This allows the
host to communicate directly with other I2C-bus devices. SC18IS604 can operate as an
I2C-bus controller-transmitter or controller-receiver. SC18IS604 controls all the I2C-bus
specific sequences, protocol, arbitration and timing.
SC18IS604 is a functional replacement for SC18IS600 with exception of:
• New pinout
• Transmit and receive buffer of 255 bytes vs 96 bytes
• Five instead of six GPIOs; no quasi bidirectional mode
• Lower operating supply voltage level (1.71 V vs 2.4 V)
• Temperature range of -40 to +105 °C vs -40 to +85 °C
• Device is rotated 180 degrees in the tape pocket; pin 1 is now in Quadrant 1
2 Features and benefits
• SPI slave interface
• SPI Mode 3
• Single primary I2C-bus controller
• Five General Purpose Input/Output (GPIO) pins
• 5 V tolerant I/O pins
• High-speed SPI: Up to 1.2 MHz
• Fast-mode I2C-bus: 375 kHz
• 255-byte transmit buffer
• 255-byte receive buffer
• 1.71 V to 3.6 V operation
• Deep Power-down mode with SPI CS wake up
• Internal oscillator
• Active LOW interrupt output
• ESD protection exceeds 2000 V HBM per JESD22-A114
• Latch-up testing is done to JEDEC Standard JESD78 that exceeds 100 mA
• Available in TSSOP16 package


Similar Part No. - SC18IS604

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 PHILIPS-SC18IS600 Datasheet
153Kb / 28P
SPI to IC-bus interface
Rev. 03-13 December 2006
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600 NXP-SC18IS600 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IS600IBS NXP-SC18IS600IBS Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600IPW PHILIPS-SC18IS600IPW Datasheet
153Kb / 28P
SPI to IC-bus interface
Rev. 03-13 December 2006
More results

Similar Description - SC18IS604

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS602 NXP-SC18IS602 Datasheet
140Kb / 25P
I2C-bus to SPI bridge
Rev. 04-11 March 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
logo
Epson Company
RX6110SA EPSON-RX6110SA Datasheet
302Kb / 2P
REAL TIME CLOCK MODULE (SPI & I2C-Bus)
logo
Maxim Integrated Produc...
DS28E18 MAXIM-DS28E18 Datasheet
1Mb / 70P
1-Wire짰 to I2C/SPI Bridge with Command Sequencer
2020
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
UART to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
I2C-bus to SPI bridge
Rev. 7-21 October 2019
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com