Electronic Components Datasheet Search
  English  ▼

X  

AD7475ARMZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7475ARMZ
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475ARMZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7475ARMZ Datasheet HTML 16Page - Analog Devices AD7475ARMZ Datasheet HTML 17Page - Analog Devices AD7475ARMZ Datasheet HTML 18Page - Analog Devices AD7475ARMZ Datasheet HTML 19Page - Analog Devices AD7475ARMZ Datasheet HTML 20Page - Analog Devices AD7475ARMZ Datasheet HTML 21Page - Analog Devices AD7475ARMZ Datasheet HTML 22Page - Analog Devices AD7475ARMZ Datasheet HTML 23Page - Analog Devices AD7475ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD7475/AD7495
Data Sheet
Rev. D | Page 24 of 24
ORDERING GUIDE
Model1
Temperature Range
Linearity Error (LSB)2
Package Description
Package Option3
Marking
Code
AD7475ARZ
−40°C to +85°C
±1.5
8-Lead SOIC_N
R-8
AD7475BRZ
−40°C to +85°C
±1
8-Lead SOIC_N
R-8
AD7475BRZ-REEL7
−40°C to +85°C
±1
8-Lead SOIC_N
R-8
AD7475ARMZ
−40°C to +85°C
±1.5
8-Lead MSOP
RM-8
C4R
AD7475ARMZ-REEL7
−40°C to +85°C
±1.5
8-Lead MSOP
RM-8
C4R
AD7475BRMZ
−40°C to +85°C
±1
8-Lead MSOP
RM-8
C3C
AD7475BRMZ-REEL7
−40°C to +85°C
±1
8-Lead MSOP
RM-8
C3C
AD7495ARZ
−40°C to +85°C
±1.5
8-Lead SOIC_N
R-8
AD7495ARZ-REEL7
−40°C to +85°C
±1.5
8-Lead SOIC_N
R-8
AD7495BRZ
−40°C to +85°C
±1
8-Lead SOIC_N
R-8
AD7495BRZ-REEL7
−40°C to +85°C
±1
8-Lead SOIC_N
R-8
AD7495ARMZ
−40°C to +85°C
±1.5
8-Lead MSOP
RM-8
CCA
AD7495ARMZ-REEL7
−40°C to +85°C
±1.5
8-Lead MSOP
RM-8
CCA
AD7495BRMZ
−40°C to +85°C
±1
8-Lead MSOP
RM-8
C4Q
1
Z = RoHS Compliant Part.
2
Linearity error here refers to integral linearity error.
3
R = SOIC; RM = MSOP.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D01684-0-7/18(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com