Electronic Components Datasheet Search
  English  ▼

X  

2810780 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2810780
Description  Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2810780 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2810780 Datasheet HTML 1Page - PHOENIX CONTACT 2810780 Datasheet HTML 2Page - PHOENIX CONTACT 2810780 Datasheet HTML 3Page - PHOENIX CONTACT 2810780 Datasheet HTML 4Page - PHOENIX CONTACT 2810780 Datasheet HTML 5Page - PHOENIX CONTACT 2810780 Datasheet HTML 6Page - PHOENIX CONTACT 2810780 Datasheet HTML 7Page - PHOENIX CONTACT 2810780 Datasheet HTML 8Page - PHOENIX CONTACT 2810780 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2810780
09/12/2020   Page 3 / 11
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC - 2810780
Technical data
Input data
0 mV ... 800 mV
0 V ... 1 V
0 V ... 1.2 V
0 V ... 1.5 V
0 V ... 2 V
0 V ... 2.4 V
0 V ... 3 V
max. input voltage
approx. 3 V DC
Input resistance of voltage input
approx. 10 kΩ
Output data
Number of outputs
1
Configurable/programmable
Yes, unconfigured
Voltage output signal
0 V ... 10 V
2 V ... 10 V
0 V ... 5 V
1 V ... 5 V
-10 V ... 10 V (The bi-polar output can be used only for bi-polar input
signals.)
-5 V ... 5 V (The bi-polar output can be used only for bi-polar input
signals.)
Current output signal
0 mA ... 20 mA
4 mA ... 20 mA
Load/output load voltage output
≥ 10 kΩ
Load/output load current output
< 500 Ω (at 20 mA)
Ripple
< 20 mVPP (at 500 Ω)
< 20 mVPP (at 10 kΩ)
Power supply
Nominal supply voltage
24 V DC
Supply voltage range
19.2 V DC ... 30 V DC
Max. current consumption
< 25 mA
Power consumption
< 450 mW (Current output)
Connection data
Connection method
Screw connection
Connection technology
2-wire
Stripping length
12 mm
Screw thread
M3
Conductor cross section solid
0.2 mm² ... 2.5 mm²
Conductor cross section flexible
0.2 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com