Electronic Components Datasheet Search
  English  ▼

X  

2810780 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2810780
Description  Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2810780 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2810780 Datasheet HTML 1Page - PHOENIX CONTACT 2810780 Datasheet HTML 2Page - PHOENIX CONTACT 2810780 Datasheet HTML 3Page - PHOENIX CONTACT 2810780 Datasheet HTML 4Page - PHOENIX CONTACT 2810780 Datasheet HTML 5Page - PHOENIX CONTACT 2810780 Datasheet HTML 6Page - PHOENIX CONTACT 2810780 Datasheet HTML 7Page - PHOENIX CONTACT 2810780 Datasheet HTML 8Page - PHOENIX CONTACT 2810780 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2810780
09/12/2020   Page 4 / 11
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC - 2810780
Technical data
General
No. of channels
1
Maximum transmission error
≤ 0.2 %
< 0.4 % (Without adjustment)
Maximum temperature coefficient
< 0.01 %/K
Temperature coefficient, typical
< 0.002 %/K
Limit frequency (3 dB)
100 Hz / 30 Hz switchable
Step response (10-90%)
3.5 ms (At 100 Hz)
Electrical isolation
Basic insulation according to EN 61010
Overvoltage category
II
Degree of pollution
2
Rated insulation voltage
30 V AC
Test voltage, input/output/supply
1.5 kV (50 Hz, 1 min.)
Electromagnetic compatibility
Conformance with EMC directive
Noise emission
EN 61000-6-4
Noise immunity
EN 61000-6-2 When being exposed to interference, there may be
minimal deviations.
Color
green
Housing material
PBT
Mounting position
any
Assembly instructions
The T connector can be used to bridge the supply voltage. It can be
snapped onto a 35 mm DIN rail according to EN 60715.
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 2
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 2
EMC data
Designation
Electromagnetic RF field
Standards/regulations
EN 61000-4-3
Typical deviation from the measuring range final value
6 %
Designation
Fast transients (burst)
Standards/regulations
EN 61000-4-4
Typical deviation from the measuring range final value
6 %
Designation
Conducted interferences
Standards/regulations
EN 61000-4-6
Typical deviation from the measuring range final value
6 %
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC directive
Noise emission
EN 61000-6-4
Connection in acc. with standard
CUL
Standards/regulations
EN 61000-4-2
Designation
Electromagnetic RF field



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com