Electronic Components Datasheet Search
  English  ▼

X  

2810780 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 2810780
Description  Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2810780 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 2810780 Datasheet HTML 3Page - PHOENIX CONTACT 2810780 Datasheet HTML 4Page - PHOENIX CONTACT 2810780 Datasheet HTML 5Page - PHOENIX CONTACT 2810780 Datasheet HTML 6Page - PHOENIX CONTACT 2810780 Datasheet HTML 7Page - PHOENIX CONTACT 2810780 Datasheet HTML 8Page - PHOENIX CONTACT 2810780 Datasheet HTML 9Page - PHOENIX CONTACT 2810780 Datasheet HTML 10Page - PHOENIX CONTACT 2810780 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2810780
09/12/2020   Page 10 / 11
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC - 2810780
Accessories
DIN rail connector
DIN rail bus connectors - ME 6,2 TBUS-2 1,5/5-ST-3,81 GN - 2869728
DIN rail connector for DIN rail mounting. Universal for TBUS housing. Gold-plated contacts, 5-pos.
 
 
Marking material
Transparent cover - MINI MCR DKL - 2308111
Fold up transparent cover for MINI MCR modules with additional labeling option using insert strips and flat Zack
marker strip 6.2 mm
 
 
Marking label - MINI MCR-DKL-LABEL - 2810272
Label for extended marking of MINI MCR modules in connection with the MINI MCR-DKL
 
 
Multiplexer
Multiplexer - MINI MCR-SL-MUX-V8-FLK 16 - 2811815
MINI analog multiplexer, generates one analog output from 8 analog input signals, for MINI analog module with screw
connection.
 
 
Power module
Power terminal block - MINI MCR-SL-PTB - 2864134
MCR power terminal block for supplying several MINI Analog modules via the DIN rail connector, with screw
connection, maximum current consumption of up to 2 A
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com