Electronic Components Datasheet Search
  English  ▼

X  

2810780 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 2810780
Description  Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2810780 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 2810780 Datasheet HTML 3Page - PHOENIX CONTACT 2810780 Datasheet HTML 4Page - PHOENIX CONTACT 2810780 Datasheet HTML 5Page - PHOENIX CONTACT 2810780 Datasheet HTML 6Page - PHOENIX CONTACT 2810780 Datasheet HTML 7Page - PHOENIX CONTACT 2810780 Datasheet HTML 8Page - PHOENIX CONTACT 2810780 Datasheet HTML 9Page - PHOENIX CONTACT 2810780 Datasheet HTML 10Page - PHOENIX CONTACT 2810780 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
https://www.phoenixcontact.com/pi/products/2810780
09/12/2020   Page 11 / 11
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC - 2810780
Accessories
Power terminal block - MINI MCR-SL-PTB-SP - 2864147
MCR feed-in terminal for supplying several MINI Analog modules via a DIN rail connector, with spring-cage
connection, maximum current consumption of up to 2 A. Replacement part: 2902067 MINI MCR-2-PTB-PT.
 
 
Power supply
Power supply unit - MINI-SYS-PS-100-240AC/24DC/1.5 - 2866983
Primary-switched MINI POWER supply for DIN rail mounting, input: 1-phase, output: 24 V DC/1.5 A
 
 
Power supply unit - MINI-PS-100-240AC/24DC/1.5/EX - 2866653
Primary-switched power supply MINI POWER for DIN rail mounting, input: 1-phase, output: 24 V DC/1,5 A, for the
potentially explosive area
 
 
System adapter
System adapter - MINI MCR-SL-V8-FLK 16-A - 2811268
Eight MINI analog signal converters with screw connection method can be connected to a control system using a
system adapter and system cabling with a minimum of wiring and very low error risk.
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com