Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 12Page - Texas Instruments AM2634 Datasheet HTML 13Page - Texas Instruments AM2634 Datasheet HTML 14Page - Texas Instruments AM2634 Datasheet HTML 15Page - Texas Instruments AM2634 Datasheet HTML 16Page - Texas Instruments AM2634 Datasheet HTML 17Page - Texas Instruments AM2634 Datasheet HTML 18Page - Texas Instruments AM2634 Datasheet HTML 19Page - Texas Instruments AM2634 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 140 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
IO
VOLTAGE [6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
J2
EPWM9_B
EPWM9_B_CFG_REG
0x5310 00F8
0x0000 05F7
EPWM9_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RTSn
1
O
FSIRX2_CLK
6
I
GPIO62
7
IO
G4
EPWM10_A
EPWM10_A_CFG_REG
0x5310 00FC
0x0000 05F7
EPWM10_A
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_CTSn
1
I
FSIRX2_DATA0
6
I
GPIO63
7
IO
J3
EPWM10_B
EPWM10_B_CFG_REG
0x5310 0100
0x0000 05F7
EPWM10_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_RTSn
1
O
FSIRX2_DATA1
6
I
GPIO64
7
IO
H1
EPWM11_A
EPWM11_A_CFG_REG
0x5310 0104
0x0000 05F7
EPWM11_A
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART2_CTSn
1
I
GPMC0_CLKLB
6
IO
GPIO65
7
IO
J1
EPWM11_B
EPWM11_B_CFG_REG
0x5310 0108
0x0000 05F7
EPWM11_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_RTSn
1
O
GPMC0_OEn_REn
6
O
GPIO66
7
IO
K2
EPWM12_A
EPWM12_A_CFG_REG
0x5310 010C
0x0000 05F7
EPWM12_A
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART3_CTSn
1
I
SPI4_CS1
2
IO
GPMC0_WEn
6
O
GPIO67
7
IO
J4
EPWM12_B
EPWM12_B_CFG_REG
0x5310 0110
0x0000 05F7
EPWM12_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_DCDn
1
I
GPMC0_CSn0
6
O
GPIO68
7
IO
K4
EPWM13_A
EPWM13_A_CFG_REG
0x5310 0114
0x0000 05F7
EPWM13_A
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RIn
1
I
GPMC0_AD0
6
IO
GPIO69
7
IO
K3
EPWM13_B
EPWM13_B_CFG_REG
0x5310 0118
0x0000 05F7
EPWM13_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_DTRn
1
O
GPMC0_AD1
6
IO
GPIO70
7
IO
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com