Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 3 Page - Texas Instruments

  AM2634 Datasheet HTML 1Page - Texas Instruments AM2634 Datasheet HTML 2Page - Texas Instruments AM2634 Datasheet HTML 3Page - Texas Instruments AM2634 Datasheet HTML 4Page - Texas Instruments AM2634 Datasheet HTML 5Page - Texas Instruments AM2634 Datasheet HTML 6Page - Texas Instruments AM2634 Datasheet HTML 7Page - Texas Instruments AM2634 Datasheet HTML 8Page - Texas Instruments AM2634 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
3 Description
The AM263x Sitara™ Arm® Microcontrollers are built to meet the complex real-time processing needs of next
generation industrial and automotive embedded products. The AM263x MCU family consists of multiple pin-to-
pin compatible devices with up to four 400-MHz Arm® Cortex®-R5F cores. The multiple Arm® cores can be
optionally programmed to run in lock-step option for different functional safety configurations. The industrial
communications subsystem (ICSS) enables integrated industrial Ethernet communications such as PROFINET
IRT, TSN, or EtherCAT® (among many others), or for standard Ethernet connectivity or custom I/O interfacing.
The family is designed for advanced motor control and digital power control applications with advanced analog
modules.
The multiple R5F cores are arranged in cluster with 256KB of shared tightly coupled memory (TCM) along
with 2MB of shared SRAM eliminating the need for external memory. Extensive ECC is included on on-chip
memory, peripherals, and interconnect for enhanced reliability. Cryptographic acceleration and secure boot are
also available on AM263x devices in addition to granular firewalls managed by the HSM for developers to design
the most secure systems.
TI provides a complete set of microcontroller software and development tools for the AM263x family of
microcontrollers.
Device Information
PART NUMBER(1) (2)
PACKAGE
BODY SIZE
AM2634...ZCZ
NFBGA (324)
15 mm × 15 mm
AM2632...ZCZ
NFBGA (324)
15 mm × 15 mm
AM2631...ZCZ
NFBGA (324)
15 mm × 15 mm
AM2634...ZCZQ1
NFBGA (324)
15 mm × 15 mm
AM2632...ZCZQ1
NFBGA (324)
15 mm × 15 mm
(1)
For more information, see Section 10, Mechanical, Packaging, and Orderable Information.
(2)
All devices are available in both tray or tape and reel packinging.
www.ti.com
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com