Electronic Components Datasheet Search
  English  ▼

X  

AM2634 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AM2634
Description  AM263x Sitara??Microcontrollers
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2634 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM2634 Datasheet HTML 13Page - Texas Instruments AM2634 Datasheet HTML 14Page - Texas Instruments AM2634 Datasheet HTML 15Page - Texas Instruments AM2634 Datasheet HTML 16Page - Texas Instruments AM2634 Datasheet HTML 17Page - Texas Instruments AM2634 Datasheet HTML 18Page - Texas Instruments AM2634 Datasheet HTML 19Page - Texas Instruments AM2634 Datasheet HTML 20Page - Texas Instruments AM2634 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 140 page
background image
Table 6-1. Pin Attributes (ZCZ Package) (continued)
BALL
NUMBER
[1]
BALL NAME [2]/
IOMUX
REGISTER [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE [5]
IO
VOLTAGE [6]
BALL
STATE
DURING
RESET
RX/TX/PULL [7]
BALL
STATE
AFTER
RESET
RX/TX/PULL [8]
MUX
MODE
AFTER
RESET [9]
POWER [10]
HYS
[11]
BUFFER
TYPE [12]
PULL
TYPE
[13]
V17
EPWM14_A
EPWM14_A_CFG_REG
0x5310 011C
0x0000 05F7
EPWM14_A
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_DSRn
1
I
GPMC0_AD2
6
IO
GPIO71
7
IO
T16
EPWM14_B
EPWM14_B_CFG_REG
0x5310 0120
0x0000 05F7
EPWM14_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
MII1_RX_ER
2
I
GPMC0_AD3
6
IO
GPIO72
7
IO
P15
EPWM15_A
EPWM15_A_CFG_REG
0x5310 0124
0x0000 05F7
EPWM15_A
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_TXD
1
O
MII1_COL
2
I
GPMC0_AD4
6
IO
GPIO73
7
IO
R16
EPWM15_B
EPWM15_B_CFG_REG
0x5310 0128
0x0000 05F7
EPWM15_B
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
UART5_RXD
1
I
MII1_CRS
2
I
GPMC0_AD5
6
IO
GPIO74
7
IO
B14
EQEP0_A
EQEP0_A_CFG_REG
0x5310 0208
0x0000 05F7
UART4_RTSn
0
O
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CLK
3
IO
GPIO130
7
IO
EQEP0_A
8
I
SDFM1_CLK0
9
I
A14
EQEP0_B
EQEP0_B_CFG_REG
0x5310 020C
0x0000 05F7
UART4_CTSn
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
SPI4_CS0
3
IO
GPIO131
7
IO
EQEP0_B
8
I
SDFM1_D0
9
I
D11
EQEP0_I
EQEP0_I_CFG_REG
0x5310 0214
0x0000 05F7
UART4_RXD
0
I
3.3 V
Off / Off / Off
Off / Off / Off
7
VDDSHV0
Yes
LVCMOS
PU/PD
LIN4_RXD
1
IO
SPI4_D1
3
IO
GPIO133
7
IO
EQEP0_I
8
IO
SDFM1_D1
9
I
www.ti.com
AM2634, AM2634-Q1
SPRSP74 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM2634 AM2634-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com