Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4007
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4007 Datasheet HTML 9Page - Analog Devices AD4007 Datasheet HTML 10Page - Analog Devices AD4007 Datasheet HTML 11Page - Analog Devices AD4007 Datasheet HTML 12Page - Analog Devices AD4007 Datasheet HTML 13Page - Analog Devices AD4007 Datasheet HTML 14Page - Analog Devices AD4007 Datasheet HTML 15Page - Analog Devices AD4007 Datasheet HTML 16Page - Analog Devices AD4007 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 13 of 59
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
–5
–4
–3
–2
–1
01
23
4
5
DIFFERENTIAL OUTPUT VOLTAGE (V)
GAIN = 1V/V
Figure 19. Gain Nonlinearity
10
1
100
1k
10k
100k
1M
0
20
40
60
80
100
120
140
160
FREQUENCY (Hz)
GAIN = 128V/V
GAIN = 1/16V/V
GAIN = 1V/V
Figure 20. CMRR vs. Frequency
0
5
10
15
20
25
30
35
40
45
50
–65 –55 –45 –35 –25 –15 –5
5
15
25
35
45
55
CMRR (nV/V)
N = 4356 UNITS
µ = –10.2nV/V
σ = 7.9nV/V
Figure 21. CMRR Distribution (Gain = 128 V/V)
0
1
2
3
4
5
6
7
8
9
10
–40
–20
0
20406080
100
120
TEMPERATURE (°C)
GAIN = 1V/V
Figure 22. Gain Nonlinearity vs. Temperature
1k
10k
1M
100k
–20
0
20
40
60
80
100
120
140
110
100
FREQUENCY (Hz)
GAIN = 128V/V
GAIN = 1V/V
GAIN = 1/16V/V
Figure 23. CMRR vs. Frequency with 1 kΩ Imbalance
TEMPERATURE (°C)
–40
–20
–5
25
85
105
–100
–80
–60
–40
–20
0
20
40
60
80
100
N = 120 UNITS
TA = –40°C TO +105°C
Figure 24. CMRR Mean vs. Temperature (Gain = 128 V/V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com