Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 16 Page - Analog Devices

Part # AD4007
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD4007 Datasheet HTML 12Page - Analog Devices AD4007 Datasheet HTML 13Page - Analog Devices AD4007 Datasheet HTML 14Page - Analog Devices AD4007 Datasheet HTML 15Page - Analog Devices AD4007 Datasheet HTML 16Page - Analog Devices AD4007 Datasheet HTML 17Page - Analog Devices AD4007 Datasheet HTML 18Page - Analog Devices AD4007 Datasheet HTML 19Page - Analog Devices AD4007 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 16 of 59
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
–6
–5
–4
–3
–2
–1
0123
456
DIFFERENTIAL OUTPUT VOLTAGE (V)
GAIN = 128V/V
GAIN = 1/16V/V
GAIN = 1/4V/V
GAIN = 1/8V/V
GAIN = 1V/V
Figure 37. Diamond Plot
450
500
550
600
650
700
750
–28 –24 –20 –16 –12 –8 –4
0
4
8
12 16 20 24 28
INPUT COMMON-MODE VOLTAGE (V)
VSSH = –28V, VDDH = +28V
VSSH = –5V, VDDH = +5V
Figure 38. Multiplexer On-Resistance vs. Input Common-Mode Voltage
FREQUENCY (Hz)
–20
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
GAIN = 1/16V/V
GAIN = 1V/V
GAIN = 128V/V
Figure 39. VSSH PSRR vs. Frequency
1.00
1.50
1.75
1.25
2.00
2.50
2.25
TEMPERATURE (°C)
FROM VDDH
FROM VSSH
–40
–20
0
20
40
60
80
100
120
Figure 40. Input Voltage Headroom vs. Temperature
400
450
500
550
600
650
700
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VCM = +25V
VCM = –25V
VCM = 0V
Figure 41. Multiplexer On-Resistance vs. Temperature
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 128V/V
GAIN = 1/16V/V
GAIN = 1V/V
Figure 42. VDDH PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com