Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4007
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4007 Datasheet HTML 14Page - Analog Devices AD4007 Datasheet HTML 15Page - Analog Devices AD4007 Datasheet HTML 16Page - Analog Devices AD4007 Datasheet HTML 17Page - Analog Devices AD4007 Datasheet HTML 18Page - Analog Devices AD4007 Datasheet HTML 19Page - Analog Devices AD4007 Datasheet HTML 20Page - Analog Devices AD4007 Datasheet HTML 21Page - Analog Devices AD4007 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 18 of 59
–250
–200
–150
–100
–50
0
50
100
150
200
250
0
10
2030405060708090
100
TIME (Seconds)
195nV
–200nV
395nV p-p
Figure 49. 0.01 Hz to 10 Hz Voltage Noise, RTI (Gain = 128 V/V)
–4
–3
–2
–1
0
1
2
3
4
0
102030405060
708090
100
TIME (Seconds)
3.3µV
–3.5µV
6.8µV p-p
Figure 50. 0.01 Hz to 10 Hz Voltage Noise, RTI (Gain = 1 V/V)
–60
–40
–20
0
20
40
60
0
1020304050
60
70
80
90
100
TIME (Seconds)
45µV
–55µV
100µV p-p
Figure 51. 0.01 Hz to 10 Hz Voltage Noise, RTI (Gain = 1/16 V/V)
–200
–150
–100
–50
0
50
100
150
200
250
01234
56789
10
TIME (Seconds)
190nV
–140nV
330nV p-p
Figure 52. 0.1 Hz to 10 Hz Voltage Noise, RTI (Gain = 128 V/V)
–4
–3
–2
–1
0
1
2
3
4
01
2345678
9
10
TIME (Seconds)
3.00µV
–2.75µV
5.75µV p-p
Figure 53. 0.1 Hz to 10 Hz Voltage Noise, RTI (Gain = 1 V/V)
–60
–40
–20
0
20
40
60
0
12
345
67
89
10
TIME (Seconds)
40µV
–55µV
95µV p-p
Figure 54. 0.1 Hz to 10 Hz Voltage Noise, RTI (Gain = 1/16 V/V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com