Electronic Components Datasheet Search
  English  ▼

X  

AD4007 Datasheet(PDF) 17 Page - Analog Devices

Part # AD4007
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4007 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4007 Datasheet HTML 13Page - Analog Devices AD4007 Datasheet HTML 14Page - Analog Devices AD4007 Datasheet HTML 15Page - Analog Devices AD4007 Datasheet HTML 16Page - Analog Devices AD4007 Datasheet HTML 17Page - Analog Devices AD4007 Datasheet HTML 18Page - Analog Devices AD4007 Datasheet HTML 19Page - Analog Devices AD4007 Datasheet HTML 20Page - Analog Devices AD4007 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 17 of 59
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1V/V
GAIN = 128V/V
GAIN = 1/16V/V
Figure 43. AVDD PSRR vs. Frequency
–1000
–900
–800
–700
–600
–500
–400
–300
–200
–100
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
45
50
55
60
65
VDDH – VSSH (V)
IVDDH
IVSSH
AVDD = 5V
DVDD = 3V
Figure 44. Quiescent Current vs. Supply Voltage (VDDH – VSSH)
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
1050
–40
–20
0
20406080
100
120
TEMPERATURE (°C)
IVSSH
IVDDH
IAVDD
IDVDD
Figure 45. Quiescent Current vs. Temperature
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 128V/V
GAIN = 1/16V/V
GAIN = 1V/V
Figure 46. DVDD PSRR vs. Frequency
0
100
200
300
400
500
600
700
800
900
1000
1100
012
34
56
AVVD/DVDD (V)
IAVDD
IDVDD
VSSH = –28V
VDDH = +28V
Figure 47. Quiescent Current vs. Supply Voltage (AVDD/DVDD)
0.01
0.10
1
10
100
0.01
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
GAIN = 1/16V/V
GAIN = 1V/V
GAIN = 128V/V
Figure 48. Voltage Noise Spectral Density, RTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com