Electronic Components Datasheet Search
  English  ▼

X  

ADR3450 Datasheet(PDF) 42 Page - Analog Devices

Part # ADR3450
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3450 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADR3450 Datasheet HTML 38Page - Analog Devices ADR3450 Datasheet HTML 39Page - Analog Devices ADR3450 Datasheet HTML 40Page - Analog Devices ADR3450 Datasheet HTML 41Page - Analog Devices ADR3450 Datasheet HTML 42Page - Analog Devices ADR3450 Datasheet HTML 43Page - Analog Devices ADR3450 Datasheet HTML 44Page - Analog Devices ADR3450 Datasheet HTML 45Page - Analog Devices ADR3450 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 42 of 59
REGISTER DETAILS
GAIN_MUX REGISTER DETAILS
Table 10. GAIN_MUX Register Details (Register 0x00)
Bit Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
G4
G[3:0]
Reserved
EXT_MUX[1:0]
Access
RW
RW
Reserved
RW
Reset
0
0
0
0
0
Reserved
0
0
Bit 7, G4—Output Amplifier Scaling Gain (1
.375 V/V)
Setting the G4 bit to 1 configures the output amplifier in a
scaling gain of 1.375 V/V. This configuration scales the input
amplifier gain, G[3:0] (Bits[6:3]), by 1.375 V/V. The G4 bit
takes precedence over the G5 bit, located in the TEST_MUX
register. Setting the G4 bit to 0 configures the output amplifier
in either a gain of 1 V/V or 1.25 V/V, depending on the value
written to the G5 bit. These gain setting are summarized in
Table 11.
Table 11. Output Amplifier Scaling Gain Settings
G5 Bit
G4 Bit
Output Amplifier Scaling Gain (V/V)
0
0
1
X
1
1.375
1
0
1.25
Bits[6:3], G[3:0]—Input Amplifier Gain Setting
The G[3:0] bits set the gain of the input amplifier, as shown in
Table 12. The overall gain is scaled by the output amplifier
scaling gain, which is configured using the G4 bit and the
G5 bit. The default input amplifier gain is 1/16 V/V.
Table 12. Register Values for Input Amplifier Gains
Input Amplifier Gain (V/V)
Bits in the G[3:0] Bit Field
G3
G2
G1
G0
1/16
0
0
0
0
1/8
0
0
0
1
1/4
0
0
1
0
1/2
0
0
1
1
1
0
1
0
0
2
0
1
0
1
4
0
1
1
0
8
0
1
1
1
16
1
0
0
0
32
1
0
0
1
64
1
0
1
0
128
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Bits[1:0], EXT_MUX[1:0]—External Multiplexer Control
When external multiplexer control is enabled using the EXT_
MUX_EN bits in Register 0x0C, and GPIO1 and/or GPIO0 are
configured as outputs using the GPIO_DIR bits in Register 0x08,
EXT_MUX[1:0] sets the output of GPIO1 and/or GPIO0. This
setup simplifies communication in externally multiplexed
applications because both the gain and the external multiplexer
can be configured with a single SPI write to the GAIN_MUX
register. Multiplexers larger than 4-to-1 are supported by using
additional GPIO pins and additional SPI writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com