Electronic Components Datasheet Search
  English  ▼

X  

ADR3450 Datasheet(PDF) 26 Page - Analog Devices

Part # ADR3450
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3450 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADR3450 Datasheet HTML 22Page - Analog Devices ADR3450 Datasheet HTML 23Page - Analog Devices ADR3450 Datasheet HTML 24Page - Analog Devices ADR3450 Datasheet HTML 25Page - Analog Devices ADR3450 Datasheet HTML 26Page - Analog Devices ADR3450 Datasheet HTML 27Page - Analog Devices ADR3450 Datasheet HTML 28Page - Analog Devices ADR3450 Datasheet HTML 29Page - Analog Devices ADR3450 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 26 of 59
POWER SUPPLIES
The ADA4254 has three supply voltage domains: the high
voltage analog input amplifier supply, the low voltage analog
output amplifier supply, and the low voltage digital supply.
The high voltage analog supplies, VDDH and VSSH, power the
input section of the ADA4254. VSSH is connected to the substrate
of the ADA4254. Therefore, VSSH must be connected to the
most negative supply voltage in the circuit and VSSH must not
exceed AVSS. It is recommended to use a Schottky diode to
clamp VSSH to AVSS. The Schottky diode must have a forward
bias voltage of 0.3 V or lower at 1 mA and withstand −28 V of
reverse voltage. The ADA4254 monitors the VDDH and VSSH
supplies to detect if the VDDH or VSSH drops below 8 V and
sets the POR_HV flag. VDDH and VSSH must be decoupled
with 0.1 μF and 1 μF to ground, as close to the pins as possible.
The low voltage analog output amplifier supply, AVDD and
AVSS, powers the output amplifier of the ADA4254. AVSS
must be within VSSH − 0.3 V to VSSH + 30 V and VDDH – 30
V to VDDH + 0.3 V. AVDD − AVSS is typically a 5 V single
supply, compatible with most high precision ADCs. Use 0.1 μF
and 10 μF decoupling capacitors between AVDD and AVSS as
close as possible to the AVDD and AVSS supply pins.
The digital supplies, DVDD and DVSS, power the digital circuitry
inside the ADA4254. DVSS must be the same potential as
AVSS.
Use 0.1 μF and 1 μF decoupling capacitors from DVDD to
DVSS as close as possible to the DVDD and DVSS supply pins.
Figure 84 shows a typical ADA4254 supply configuration. The
recommended decoupling values described in this section are
minimum recommendations. Depending on amplifier loading
and system noise, higher capacitance values and/or additional
lower capacitor values may improve performance.
VDDH = +28V
VDDH
DVDD
DVSS
AVDD
AVSS
VOCM
ADA4254
VSSH
VSSH = –28V
RB751S40T1G
1µF
0.1µF
1µF
0.1µF
DVDD = 3.3V
10µF
0.1µF
VOCM = 2.5V
1µF
1kΩ
AVDD = 5V
1µF
0.1µF
Figure 84. Typical ADA4254 Power Supply Configuration
ESD MAP
Figure 85 shows the various ESD diode paths inside the
ADA4254. Figure 85, in conjunction with the Absolute
Maximum Ratings section, helps in understanding current
paths during power-on and fault conditions.
VSSH
VDDH AVDD AVSS DVSS DVDD
SPI
INTERFACE
DIGITAL
CONTROL
7 × GPIO
IOUT_HV
VDDH
EXCITATION
CURRENTS
DVDD
DVSS
VDDH
VSSH
300Ω
±60V
CLAMP
VSSH
±60V
CLAMP
VSSH
±60V
CLAMP
VSSH
±60V
CLAMP
300Ω
VDDH
300Ω
300Ω
VDDH
AVDD
AVSS
AVDD
VSSH
VDDH
DVSS
DVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVDD
DVSS
DVDD
ROUT
AVDD
VDDH
RIN
VSSH
VSSH
AVSS
ROUT
IOUT_LV
+IN1
–IN1
+IN2
–IN2
–OUT
VOCM
–OUT
Figure 85. ESD Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com