Electronic Components Datasheet Search
  English  ▼

X  

ADR3450 Datasheet(PDF) 6 Page - Analog Devices

Part # ADR3450
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3450 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADR3450 Datasheet HTML 2Page - Analog Devices ADR3450 Datasheet HTML 3Page - Analog Devices ADR3450 Datasheet HTML 4Page - Analog Devices ADR3450 Datasheet HTML 5Page - Analog Devices ADR3450 Datasheet HTML 6Page - Analog Devices ADR3450 Datasheet HTML 7Page - Analog Devices ADR3450 Datasheet HTML 8Page - Analog Devices ADR3450 Datasheet HTML 9Page - Analog Devices ADR3450 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 6 of 59
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG OUTPUTS
Output Voltage Swing from
Each Rail
AVDD = 5 V, load resistor (RL) = 2.49 kΩ to 2.5 V
AVSS + 0.06
AVDD −
0.08
V
AVDD = 2.7 V, RL = 1.8 kΩ to 1.35 V
AVSS + 0.05
AVDD −
0.06
V
Capacitive Load Drive
500
pF
Short-Circuit Current
To 2.5 V, G = 1.375, AVDD = 2.7 V to 5 V
3.5
11
25
mA
OUTPUT_ERR
Positive Threshold
AVDD − 0.03
V
Negative Threshold
AVSS + 0.03
V
VOCM DYNAMIC PERFORMANCE
−3 dB Bandwidth
2.3
MHz
Slew Rate
1.9
V/μs
Voltage Noise
Frequency = 1 kHz
160
nV/√Hz
Gain
1
V/V
VOCM INPUT CHARACTERISTICS
Input Voltage Range
AVSS
AVDD − 1
V
Input Resistance
10
GΩ
Common Mode Offset Voltage
20
μV
Common Mode Offset
Voltage Drift
2.5
μV/°C
Input Bias Current
500
pA
DYNAMIC RESPONSE
Small Signal ±3 dB Bandwidth
G = 1/16 V/V
15
kHz
G = 1/8 V/V
28
kHz
G = 1/4 V/V
67
kHz
G = 1/2 V/V
138
kHz
G = 1 V/V
1800
kHz
G = 2 V/V
513
kHz
G = 4 V/V
341
kHz
G = 8 V/V
319
kHz
G = 16 V/V
297
kHz
G = 32 V/V
275
kHz
G = 64 V/V
257
kHz
G = 128 V/V
209
kHz
Settling Time 0.01%
VOUT = 8 V p-p
G = 1 V/V
10
μs
G = 8 V/V
8
μs
G = 128 V/V
5
μs
Settling Time 0.0015% (16-Bit)
VOUT = 8 V p-p
G = 1 V/V
18
μs
G = 8 V/V
15
μs
G = 128 V/V
15
μs
Slew Rate
VOUT = 8 V p-p2
G = 1/16 V/V
0.06
V/μs
G = 1 V/V
0.8
V/μs
G = 128 V/V
3.1
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com