Electronic Components Datasheet Search
  English  ▼

X  

ADR3450 Datasheet(PDF) 24 Page - Analog Devices

Part # ADR3450
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3450 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADR3450 Datasheet HTML 20Page - Analog Devices ADR3450 Datasheet HTML 21Page - Analog Devices ADR3450 Datasheet HTML 22Page - Analog Devices ADR3450 Datasheet HTML 23Page - Analog Devices ADR3450 Datasheet HTML 24Page - Analog Devices ADR3450 Datasheet HTML 25Page - Analog Devices ADR3450 Datasheet HTML 26Page - Analog Devices ADR3450 Datasheet HTML 27Page - Analog Devices ADR3450 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
ADA4254
Data Sheet
Rev. B | Page 24 of 59
A1
A2
B1
B2
+IN1
–IN1
+IN2
–IN2
D12
–OUT
PGIA
+OUT
TEST MULTIPLEXER
TEST_MUX[3:0]
C1
AVSS
DVSS
+20mV –20mV
C2
Figure 80. Input Switch Configuration
INPUT MULTIPLEXER
The ADA4254 input multiplexer withstands input voltages up
to ±60 V with respect to VSSH, and 60 V differentially. As shown
in Figure 80, the multiplexer switches between two sets of
inputs and features additional switch functionality on the
output of the multiplexer. Input switching is controlled via the
INPUT_MUX register. The A1, A2, B1, and B2 switches
connect the different inputs to the amplifier. The C1 and C2
switches connect the multiplexer outputs to the test
multiplexer. Switch D12 connects both inputs together. The
input multiplexer features <140 dB of crosstalk.
If excessive input voltage is detected by the input multiplexer,
MUX_OVER_VOLT_ERR in the analog error register trips.
When this error flag is set, the multiplexer automatically opens
A1, A2, B1, and B2 to protect the input amplifier and input
resistor network. This error flag can be disabled by setting
MUX_OVER_VOLT_ERR_DIS. By default, both sets of inputs
cannot be selected simultaneously. This protection can be
overridden via MUX_PROT_DIS.
EMI REDUCTION AND INTERNAL EMI FILTER
In many industrial and data acquisition applications, the ADA4254
amplifies small signals accurately in the presence of large common-
mode voltages or high levels of noise. Typically, the sources of
these very small signals (in the order of microvolts or
millivolts) are sensors that may be a significant distance from
the signal conditioning circuit. Although these sensors may be
connected to signal conditioning circuitry using shielded or
unshielded twisted pair cabling, the cabling may act as an antenna,
conveying very high frequency interference directly to the
inputs of the ADA4254.
The amplitude and frequency of this high frequency interference
can have an adverse effect on the input stage of the instrumentation
amplifier due to unwanted dc shift in the input offset voltage of
the amplifier. This well known effect is called EMI rectification
and is produced when out of band interference is coupled
(inductively, capacitively, or via radiation) and rectified by the
input transistors of the instrumentation amplifier. These transistors
act as high frequency signal detectors, in the same way diodes were
used as RF envelope detectors in early radio designs. Regardless of
the type of interference or the method by which it is coupled to the
circuit, an out of band error signal appears in series with the inputs
of the instrumentation amplifier.
To minimize this effect, the ADA4254 has 35 MHz on-chip
EMI filters to attenuate high frequencies before interacting with
the input transistors. These on-chip filters are well matched due
to their monolithic construction, which minimizes degradation
in ac CMRR. To reduce any further effect of these out of band
signals on the input offset voltage of the ADA4254, an
additional external low-pass filter can be used at the inputs.
Locate the filter very close to the input pins of the circuit. An
effective filter configuration is shown in Figure 81 where three
capacitors are added to the ADA4254 inputs. The filter limits
the input signal according to the following relationship:
Filter FrequencyDIFF =
1
2(2
)
DC
RC
C
Filter FrequencyCM =
1
2
C
RC
where:
CD is the differential capacitor and is ≥ 10 CC.
CC is the common-mode capacitor.
CD affects the difference signal. CC affects the common-mode
signal. Any mismatch in R × CC degrades the ADA4254 CMRR.
To avoid inadvertently reducing CMRR bandwidth performance,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com