Electronic Components Datasheet Search
  English  ▼

X  

ADR3425 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR3425
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425 Datasheet(HTML) 4 Page - Analog Devices

  ADR3425 Datasheet HTML 1Page - Analog Devices ADR3425 Datasheet HTML 2Page - Analog Devices ADR3425 Datasheet HTML 3Page - Analog Devices ADR3425 Datasheet HTML 4Page - Analog Devices ADR3425 Datasheet HTML 5Page - Analog Devices ADR3425 Datasheet HTML 6Page - Analog Devices ADR3425 Datasheet HTML 7Page - Analog Devices ADR3425 Datasheet HTML 8Page - Analog Devices ADR3425 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 4 of 75
SPECIFICATIONS
AVDD1 = VDPC+ = 15 V; dc-to-dc converter disabled; AVDD2 = 5 V; AVSS = −15 V; VLOGIC = 1.71 V to 5.5 V; AGND = DGND = REFGND =
PGND1 = 0 V; REFIN = 2.5 V external; voltage output: load resistance (RLOAD) = 1 kΩ, load capacitance (CL) = 220 pF; current output:
RL = 300 Ω; all specifications at TA = −40°C to +105°C, TJ < 125°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT OUTPUT
Output Current Ranges (IOUT)
0
24
mA
Functional safety approved range
0
20
mA
Functional safety approved range
4
20
mA
Functional safety approved range
−20
+20
mA
−24
+24
mA
−1
+22
mA
Resolution
16
Bits
CURRENT OUTPUT ACCURACY
(EXTERNAL CURRENT SETTING
RESISTOR (RSET))1
Assumes ideal 13.7 kΩ resistor
Unipolar Ranges
4 mA to 20 mA, 0 mA to 20 mA, and 0 mA to
24 mA ranges
Total Unadjusted Error (TUE)
−0.06
+0.06
% FSR
−0.012
+0.012
% FSR
TA = 25°C
TUE Long-Term Stability
125
ppm FSR
Drift after 1000 hours, TJ = 135°C
Output Drift
3
7
ppm FSR/°C
Integral Nonlinearity (INL)
−0.006
+0.006
% FSR
Differential Nonlinearity (DNL)
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.03
±0.002
+0.03
% FSR
Zero-Scale Temperature
Coefficient (TC)3
±0.5
ppm FSR/°C
Offset Error
−0.03
±0.001
+0.03
% FSR
Offset Error TC3
±0.7
ppm FSR/°C
Gain Error
−0.05
±0.001
+0.05
% FSR
Gain Error TC3
±3
ppm FSR/°C
Full-Scale Error
−0.05
±0.001
+0.05
% FSR
Full-Scale Error TC3
±3
ppm FSR/°C
Bipolar Ranges
±20 mA, ±24 mA, and −1 mA to +22 mA ranges
TUE
−0.08
+0.08
% FSR
−0.014
+0.014
% FSR
TA = 25°C
TUE Long-Term Stability2
125
ppm FSR
Drift after 1000 hours, TJ = 135°C
Output Drift
12
15.5
ppm FSR/°C
INL
−0.01
+0.01
% FSR
DNL
−1
+1
LSB
Guaranteed monotonic
Zero-Scale Error
−0.04
±0.002
+0.04
% FSR
Zero-Scale TC3
±0.9
ppm FSR/°C
Bipolar Zero Error
−0.02
±0.002
+0.02
% FSR
Bipolar Zero Error TC3
±0.4
ppm FSR/°C
Offset Error
−0.06
±0.002
+0.06
% FSR
Offset Error TC3
±0.9
ppm FSR/°C
Gain Error
−0.08
±0.002
+0.08
% FSR
Gain Error TC3
±4
ppm FSR/°C
Full-Scale Error
−0.08
±0.002
+0.08
% FSR
Full-Scale Error TC3
±3
ppm FSR/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com