Electronic Components Datasheet Search
  English  ▼

X  

ADR3425 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR3425
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR3425 Datasheet HTML 7Page - Analog Devices ADR3425 Datasheet HTML 8Page - Analog Devices ADR3425 Datasheet HTML 9Page - Analog Devices ADR3425 Datasheet HTML 10Page - Analog Devices ADR3425 Datasheet HTML 11Page - Analog Devices ADR3425 Datasheet HTML 12Page - Analog Devices ADR3425 Datasheet HTML 13Page - Analog Devices ADR3425 Datasheet HTML 14Page - Analog Devices ADR3425 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 11 of 75
TIMING CHARACTERISTICS
AVDD1 = VDPC+ = 15 V; dc-to-dc converter disabled; AVDD2 = 5 V; AVSS = −15 V; VLOGIC = 1.71 V to 5.5 V; AGND = DGND = REFGND =
PGND1 = 0 V; REFIN = 2.5 V external; voltage output: RL = 1 kΩ, CL = 220 pF; current output: RL = 300 Ω; all specifications at TA =
−40°C to +105°C, TJ < 125°C, unless otherwise noted.
Table 3.
Parameter1, 2, 3
1.71 V ≤ VLOGIC < 3 V
3 V ≤ VLOGIC ≤ 5.5 V
Unit
Description
t1
33
20
ns min
SCLK cycle time, write operation
120
66
ns min
SCLK cycle time, read operation
t2
16
10
ns min
SCLK high time, write operation
60
33
ns min
SCLK high time, read operation
t3
16
10
ns min
SCLK low time, write operation
60
33
ns min
SCLK low time, read operation
t4
10
10
ns min
SYNC falling edge to SCLK falling edge setup time, write
operation
33
33
ns min
SYNC falling edge to SCLK falling edge setup time, read
operation
t5
10
10
ns min
24th/32nd SCLK falling edge to SYNC rising edge
t6
500
500
ns min
SYNC high time (all register writes outside of those listed in
this table)
1.5
1.5
μs min
SYNC high time (DAC_INPUT register write)
500
500
μs min
SYNC high time (DAC_CONFIG register write, where the range
bits, Bits[3:0], change; see the Calibration Memory CRC section)
t7
5
5
ns min
Data setup time
t8
6
6
ns min
Data hold time
t9
750
750
ns min
LDAC falling edge to SYNC rising edge
t10
1.5
1.5
μs min
SYNC rising edge to LDAC falling edge
t11
250
250
ns min
LDAC pulse width low
t12
600
600
ns max
LDAC falling edge to DAC output response time, digital slew
rate control disabled
2
2
μs max
LDAC falling edge to DAC output response time, digital slew
rate control enabled
t13
See the
AC Performance Characteristics section
μs max
DAC output settling time
t14
1.5
1.5
μs max
SYNC rising edge to DAC output response time (LDAC = 0)
t15
5
5
μs min
RESET pulse width
t16
40
28
ns max
SCLK rising edge to SDO valid
t17
100
100
μs min
RESET rising edge to first SCLK falling edge after SYNC falling
edge (t17 does not appear in the timing diagrams)
1 Guaranteed by design and characterization. Not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of VLOGIC) and timed from a voltage level of 1.2 V. tR is rise time. tF is fall time.
3 See Figure 2 to Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com