Electronic Components Datasheet Search
  English  ▼

X  

ADR3425 Datasheet(PDF) 69 Page - Analog Devices

Part # ADR3425
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR3425 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADR3425 Datasheet HTML 65Page - Analog Devices ADR3425 Datasheet HTML 66Page - Analog Devices ADR3425 Datasheet HTML 67Page - Analog Devices ADR3425 Datasheet HTML 68Page - Analog Devices ADR3425 Datasheet HTML 69Page - Analog Devices ADR3425 Datasheet HTML 70Page - Analog Devices ADR3425 Datasheet HTML 71Page - Analog Devices ADR3425 Datasheet HTML 72Page - Analog Devices ADR3425 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 69 of 75
Bits
Bit Name
Description
Reset
Access
0x16: status register.
0x17: CHIP_ID register.
0x18: FREQ_MONITOR register.
0x19: DEVICE_ID_0 register.
0x1A: DEVICE_ID_1 register.
0x1B: DEVICE_ID_2 register.
0x1C: DEVICE_ID_3 register.
Digital Diagnostic Results Register
Address: 0x14, Reset: 0x14A000, Name: DIGITAL_DIAG_RESULTS
This register contains an error flag for the on-chip digital diagnostic features, most of which are configurable using the digital diagnostic
configuration register. This register also contains a flag to indicate that a reset occurred, as well as a flag to indicate that the calibration
memory has not refreshed or an invalid SPI access attempted. With the exception of the CAL_MEM_UNREFRESHED and SLEW_BUSY
flags, all of these flags require a 1 to be written to them to update them to their current value. The CAL_MEM_UNREFRESHED and
SLEW_BUSY flags automatically clear when the calibration memory refresh or output slew, respectively, is complete. When the
corresponding enable bits in the DIGITAL_DIAG_CONFIG register are not enabled, the respective flag bits read as zero.
Table 46. Bit Descriptions for DIGITAL_DIAG_RESULTS
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
15
CAL_MEM_UNREFRESHED
Calibration memory unrefreshed flag. Note that modifying the range bits in
the DAC_CONFIG register also initiates a calibration memory refresh, which
asserts this bit. Unlike the R/W-1-C bits in this register, this bit is automatically
cleared after the calibration memory refresh completes.
0x1
R
0: calibration memory is refreshed.
1: calibration memory is unrefreshed (default on power-up). Note that this
bit asserts if the range bits are modified in the DAC_CONFIG register.
14
SLEW_BUSY
This flag is set to 1 when the DAC is actively slewing. Unlike the R/W-1-C bits
in this register, this bit is automatically cleared when slewing is complete.
0x0
R
13
RESET_OCCURRED
This bit flags that a reset occurred (default on power-up is therefore Logic 1).
0x1
R/W-1-C
12
ERR_3WI
This bit flags an error in the interdie 3-wire interface communications.
0x0
R/W-1-C
11
WDT_LATE_ERR
This bit flags a late WDT fault.
0x0
R/W-1-C
10
WDT_EARLY_ERR
This bit flags an early WDT fault.
0x0
R/W-1-C
9
BKGND_CRC_ERR
This bit flags an error for the background CRC calculation of the combined
calibration memory and register configuration space. Note that this bit also
flags if a parity error occurs during a 3-wire read and compare transaction.
0x0
R/W-1-C
8
DAC_LATCH_MON_ERR
This bit flags if the output of the DAC latches does not match the input.
0x0
R/W-1-C
7
DUAL_CAL_ERR
This bit flags if the dual calibration comparison registers a fail.
0x0
R/W-1-C
6
INVERSE_DAC_CHECK_ERR
This bit flags if a fault it detected between the DAC code driven by the
digital core and an inverted copy.
0x0
R/W-1-C
5
CAL_MEM_CRC_ERR
This bit flags a CRC error for the CRC calculation of the calibration memory
upon refresh.
0x0
R/W-1-C
4
INVALID_SPI_ACCESS_ERR
This bit flags if an invalid SPI access is attempted, such as writing to or
reading from an invalid or reserved address. This bit also flags if an SPI write
is attempted directly after powering up but before a calibration memory
refresh is performed or if an SPI write is attempted while a calibration
memory refresh is in progress. Performing a two stage readback is permitted
during a calibration memory refresh and does not cause this flag to set.
Attempting to write to a read only register also causes this bit to assert.
0x0
R/W-1-C
3
CFG_LOCK_CHECK_ERR
This bit flags if there is a write attempted on the user configuration space
when it is locked.
0x0
R/W-1-C
2
SCLK_COUNT_ERR
This bit flags an SCLK falling edge count error. 32 clocks are required if SPI
CRC is enabled and 24 clocks or 32 clocks are required if SPI CRC is not enabled.
0x0
R/W-1-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com