Electronic Components Datasheet Search
  English  ▼

X  

78IV Datasheet(PDF) 32 Page - NEC

Part # 78IV
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78IV Datasheet(HTML) 32 Page - NEC

Back Button 78IV Datasheet HTML 28Page - NEC 78IV Datasheet HTML 29Page - NEC 78IV Datasheet HTML 30Page - NEC 78IV Datasheet HTML 31Page - NEC 78IV Datasheet HTML 32Page - NEC 78IV Datasheet HTML 33Page - NEC 78IV Datasheet HTML 34Page - NEC 78IV Datasheet HTML 35Page - NEC 78IV Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 523 page
background image
CHAPTER 1 GENERAL
User’s Manual U15556EJ1V0UM
32
<37> Limiting int expansion of argument/return value
When the argument/return value of a function has the char/unsigned type, object files that do not perform
int expansion are generated. This method can shorten the object code and improve the execution speed.
<38> Memory manipulation function
Memory manipulation functions can be output to an object directly with inline expansion. This function can
shorten the object code and improve the execution speed.
<39> callf two-step branch function
Compared when a function body is allocated in the callf area, the callf/_ _callf attribute can be added to
many more functions. Therefore, this function can shorten the object code if many functions that include call
function are frequently used.
<40>
Automatic callf functionization of function call interface
The _ _callf attribute is added to all functions except for the callt/_ _callt
_ _interrupt/_ _interrupt_brk/_
_rtos_interrupt functions.
<41> Three-byte address reference/generation function
Three-byte address reference/generation can be performed with a short code without using a complex cast
description.
<42> Absolute address allocation specification
The external variable that declared _ _directmap and a static variable in a function can be allocated to any
address, and multiple variables can be allocated in duplicate to the same address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com