Electronic Components Datasheet Search
  English  ▼

X  

78IV Datasheet(PDF) 59 Page - NEC

Part # 78IV
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78IV Datasheet(HTML) 59 Page - NEC

Back Button 78IV Datasheet HTML 55Page - NEC 78IV Datasheet HTML 56Page - NEC 78IV Datasheet HTML 57Page - NEC 78IV Datasheet HTML 58Page - NEC 78IV Datasheet HTML 59Page - NEC 78IV Datasheet HTML 60Page - NEC 78IV Datasheet HTML 61Page - NEC 78IV Datasheet HTML 62Page - NEC 78IV Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 523 page
background image
CHAPTER 3 DECLARATION OF TYPES AND STORAGE CLASSES
User’s Manual U15556EJ1V0UM
59
3.4 Declarators
A declarator declares an identifier.
Here, pointer declarators, array declarators, and function declarators are
mainly discussed. The scope of an identifier and a function or object that has a storage duration and a type are
determined by a declarator.
A description of each declarator is given below.
3.4.1 Pointer declarators
A pointer declarator indicates that an identifier to be declared is a pointer. A pointer points to (indicates) the
location where a value is stored. Pointer declaration is performed as follows.
* type qualifier list identifier
By this declaration, the identifier becomes a pointer to T1.
The following two declarations indicate a variable pointer to a constant value and an invariable pointer to a
variable value, respectively.
const int *ptr_to_constant;
int *const constant_ptr;
The first declaration indicates that the value of the constant “const int” pointed by the pointer “ptr_to_constant”
cannot be changed, but the pointer “ptr_to_constant” itself may be changed to point to another “const int”. Likewise,
the second declaration indicates that the value of the variable “int” pointed by the pointer “constant_ptr” may be
changed, but the pointer “constant_ptr” itself must always point to the same position.
The declaration of the invariable pointer “constant_ptr” can be made distinct by including a definition for the
pointer type to the int type data.
The following example declares “constant_ptr” as an object that has a const qualifier pointer type to int.
typedef int *int_ptr;
const int_ptr constant_ptr;
3.4.2 Array declarators
An array declarator declares to the compiler that an identifier to be declared is an object that has an array type.
Array declaration is performed as shown below.
type
identifier [constant expression]
By this declaration, the identifier becomes an array that has the declared type.
The value of the constant
expression becomes the number of elements in the array. The constant expression must be an integer constant
expression which has a value greater than 0. In the declaration of an array, if a constant expression is not specified,
the array becomes an incomplete type.
In the following example, a char type array “a[ ]”, which consists of 11 elements and a char type pointer array
“ap[ ]”, which consists of 17 elements, have been declared.
char a[11], *ap[17];



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com