| Electronic Components Datasheet Search |
|
78IV Datasheet(PDF) 43 Page - NEC |
|
|
|||||||||||||||||||||||||||||
78IV Datasheet(HTML) 43 Page - NEC |
|
43 / 523 page ![]() CHAPTER 2 CONSTRUCTS OF C LANGUAGE User’s Manual U15556EJ1V0UM 43 (i) Floating-point number (float type) specifications •Format The floating-point number format is shown below. (Higher address) s e m (Lower address) 31 30 23 22 0 The numerical values in this format are as follows. (Value of sign) (Value of exponent) (–1) * (Value of mantissa) *2 s: Sign (1 bit) 0 for a positive number and 1 for a negative number. e: Exponent (8 bits) An exponent with a base of 2 is expressed as a 1-byte integer (expressed by two’s complement in the case of a negative), and used after having a further bias of 7FH added. These relationships are shown in Table 2-4 below. Table 2-4. Exponent Relationships Exponent (Hexadecimal) Value of Exponent FE 127 • • • • • • 81 2 80 1 7F 0 7E –1 • • • • • • 01 –126 m: Mantissa (23 bits) The mantissa is expressed as an absolute value, with bit positions 22 to 0 equivalent to the 1st to 23rd places of a binary number. Except for when the value of the floating point is 0, the value of the exponent is always adjusted so that the mantissa is within the range of 1 to 2 (normalization). The result is that the position of 1 (i.e. the value of 1) is always 1, and is thus represented by omission in this format. • Zero expression When exponent = 0 and mantissa = 0, ±0 is expressed as follows. (Value of sign) (–1) * 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |