Electronic Components Datasheet Search
  English  ▼

X  

78IV Datasheet(PDF) 57 Page - NEC

Part # 78IV
Description  CC78K4 Ver.2.30 or Later, C Compiler Language
PDF  523 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78IV Datasheet(HTML) 57 Page - NEC

Back Button 78IV Datasheet HTML 53Page - NEC 78IV Datasheet HTML 54Page - NEC 78IV Datasheet HTML 55Page - NEC 78IV Datasheet HTML 56Page - NEC 78IV Datasheet HTML 57Page - NEC 78IV Datasheet HTML 58Page - NEC 78IV Datasheet HTML 59Page - NEC 78IV Datasheet HTML 60Page - NEC 78IV Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 523 page
background image
CHAPTER 3 DECLARATION OF TYPES AND STORAGE CLASSES
User’s Manual U15556EJ1V0UM
57
enum hue {
chartreuse,
burgundy,
claret=20,
winedark
} ;
enum hue col, *cp ;
void main (void) {
col = claret ;
cp = &col ;
/*...*/ (*cp != burgundy) /*...*/
:
3.2.3 Tags
A tag is a name given to a structure, union, or enumeration type. A tag has a declared data type and objects of
the same type can be declared with a tag.
The identifier in the following declaration is a tag name.
structure/union identifier {member declaration list}
or
enum
identifier {enumerator list}
A tag has the contents of the structure/union or enumeration defined by a member. In the next and subsequent
declarations, the structure of a struct, union, or enum type becomes the same as that of the tag’s list. In the
subsequent declarations within the same scope, the list enclosed in braces must be omitted. The following type
specifier is undefined with respect to its contents and thus the structure or union has an incomplete type.
struct/union identifier
A tag to specify the type of this type specifier can be used only when the object size is unnecessary. This is
because by defining the contents of the tag within the same scope, the type specification becomes incomplete.
In the following example, the tag “tnode” specifies a structure that includes pointers to an integer and two objects
of the same type.
struct tnode
{
int count;
struct tnode *left, *right ;
};
The next example declares “s” as an object of the type indicated by the tag (tnode) and “sp” as a pointer to the
object of the type indicated by the tag. By this declaration, the expression “sp
→ left” indicates a pointer to “struct
tnode” on the left of the object pointed to by “sp” and the expression “s.right
→ count” indicates “count”, which is a
member of “struct tnode” on the right of “s”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com