Electronic Components Datasheet Search
  English  ▼

X  

24LC64 Datasheet(PDF) 27 Page - Microchip Technology

Part # 24LC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64 Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24LC64 Datasheet HTML 23Page - Microchip Technology 24LC64 Datasheet HTML 24Page - Microchip Technology 24LC64 Datasheet HTML 25Page - Microchip Technology 24LC64 Datasheet HTML 26Page - Microchip Technology 24LC64 Datasheet HTML 27Page - Microchip Technology 24LC64 Datasheet HTML 28Page - Microchip Technology 24LC64 Datasheet HTML 29Page - Microchip Technology 24LC64 Datasheet HTML 30Page - Microchip Technology 24LC64 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 27
24AA64/24FC64/24LC64
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Sheet 2 of 2
C
SEATING
PLANE
H
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Molded Package Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
0.65 BSC
0.85
0.40
0.22
–
0.00
–
0.60
–
–
MILLIMETERS
MIN
NOM
8
0.80
0.40
1.10
0.15
MAX
L1
0.95 REF
Footprint
Overall Length
D
3.00 BSC
Terminal Thickness
c
0.08–0.23
R
R1
1
–
0.07
–
Lead Bend Radius
–
0.07
–
Lead Bend Radius
–
0°
8°
Foot Angle
–
5°
15°
Mold Draft Angle
0.75
0.95
4.90 BSC
3.00 BSC
DETAIL B
c
4X 1
4X 1
L
(L1)
R
R1
3.
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.15mm per side.
8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
Microchip Technology Drawing C04-111-MS Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com