Electronic Components Datasheet Search
  English  ▼

X  

24LC64 Datasheet(PDF) 16 Page - Microchip Technology

Part # 24LC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 24LC64 Datasheet HTML 12Page - Microchip Technology 24LC64 Datasheet HTML 13Page - Microchip Technology 24LC64 Datasheet HTML 14Page - Microchip Technology 24LC64 Datasheet HTML 15Page - Microchip Technology 24LC64 Datasheet HTML 16Page - Microchip Technology 24LC64 Datasheet HTML 17Page - Microchip Technology 24LC64 Datasheet HTML 18Page - Microchip Technology 24LC64 Datasheet HTML 19Page - Microchip Technology 24LC64 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
24AA64/24FC64/24LC64
DS20001189U-page 16
 1997-2022 Microchip Technology Inc. and its subsidiaries
Part
Number
1st Line Marking Codes
DFN
MSOP
SOT-23
TDFN
TSSOP
I-Temp.
E-Temp.
I-Temp.
E-Temp.
I-Temp.
E-Temp. Standard
Rotated
24AA64
271
—
4A64T(1)
7HNN(2)
7WNN(2)
A71
E10
4AB
4ABX
24FC64
27A
—
4F64T(1)
7SNN(2)
—A7A
—
4FB
—
24LC64
274
275
4L64T(1)
7GNN(2)
7JNN(2)
A74
A75
4LB
4LBX
Note 1: T = Temperature grade (I, E)
2: NN = Alphanumeric traceability code
Example
A74
527
I3
8-Lead 2x3 TDFN
XXX
YWW
NN
5-Lead SOT-23
XXNN
Example
7GNN
8-Lead TSSOP
Example
XXXX
TYWW
NNN
4LB
I204
13F
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
JEDEC® designator for Matte Tin (Sn)
* Standard OTP marking consists of Microchip part number, year code, week code and
traceability code.
Note:
For very small packages with no room for the JEDEC® designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it
will be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com