Electronic Components Datasheet Search
  English  ▼

X  

24LC64 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC64
Description  64-Kbit I2C Serial EEPROM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64 Datasheet(HTML) 5 Page - Microchip Technology

  24LC64 Datasheet HTML 1Page - Microchip Technology 24LC64 Datasheet HTML 2Page - Microchip Technology 24LC64 Datasheet HTML 3Page - Microchip Technology 24LC64 Datasheet HTML 4Page - Microchip Technology 24LC64 Datasheet HTML 5Page - Microchip Technology 24LC64 Datasheet HTML 6Page - Microchip Technology 24LC64 Datasheet HTML 7Page - Microchip Technology 24LC64 Datasheet HTML 8Page - Microchip Technology 24LC64 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
 1997-2022 Microchip Technology Inc. and its subsidiaries
DS20001189U-page 5
24AA64/24FC64/24LC64
11
TSU:WP WP Setup Time
4000
—
ns
1.7V
 VCC  2.5V
600
—
ns
2.5V
 VCC  5.5V
600
—
ns
1.7V
 VCC  5.5V (24FC64)
12
THD:WP WP Hold Time
4700
—
ns
1.7V
 VCC  2.5V
1300
—
ns
2.5V
 VCC  5.5V
1300
—
ns
1.7V
 VCC  5.5V 24FC64
13
TAA
Output Valid from Clock
—
3500
ns
1.7V
 VCC  2.5V (Note 2)
—
900
ns
2.5V
 VCC  5.5V (Note 2)
—
900
ns
1.7V
 VCC  2.5V (24FC64)
(Note 2)
—
400
ns
2.5V
 VCC  5.5V (24FC64)
(Note 2)
14
TBUF
Bus Free Time: The time the
bus must be free before a new
transmission can start
4700
—
ns
1.7V
 VCC  2.5V
1300
—
ns
2.5V
 VCC  5.5V
1300
—
ns
1.7V
 VCC  2.5V (24FC64)
500
—
ns
2.5V
 VCC  5.5V (24FC64)
15
TOF
Output Fall Time from VIH
Minimum to VIL Maximum
CB
 100 pF
10 + 0.1CB
250
ns
24AA64 and 24LC64 (Note 1)
—
250
ns
24FC64 (Note 1)
16
TSP
Input Filter Spike Suppression
(SDA and SCL pins)
—50
ns
24AA64 and 24LC64
(Note 1 and Note 3)
17
TWC
Write Cycle Time
(byte or page)
—5
ms
18
Endurance
1,000,000
—
cycles
+25°C, 5.5V, Page Mode
(Note 4)
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): VCC = +1.7V to +5.5V TA = -40°C to +85°C
Extended (E): VCC = +1.7V to +5.5V TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide
improved noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com