Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC6315
Description  Open-Drain Microprocessor Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6315 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC6315 Datasheet HTML 2Page - Microchip Technology MIC6315 Datasheet HTML 3Page - Microchip Technology MIC6315 Datasheet HTML 4Page - Microchip Technology MIC6315 Datasheet HTML 5Page - Microchip Technology MIC6315 Datasheet HTML 6Page - Microchip Technology MIC6315 Datasheet HTML 7Page - Microchip Technology MIC6315 Datasheet HTML 8Page - Microchip Technology MIC6315 Datasheet HTML 9Page - Microchip Technology MIC6315 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MIC6315
DS20006450B-page 6
2021 - 2022 Microchip Technology Inc.
3.0
APPLICATION INFORMATION
3.1
Microprocessor Reset
The /RESET pin is asserted whenever VCC falls below
the reset threshold voltage or if /MR (manual reset) is
forced low. The /RESET pin remains asserted for the
duration of the reset timeout period after VCC has risen
above the reset threshold or /MR has returned high.
The reset function ensures the microprocessor is
properly reset and powers up in a known condition after
a power failure. /RESET will remain valid with VCC as
low as 1V.
The /RESET output is a simple open-drain N-channel
MOSFET structure. A pull-up resistor must be used to
pull this output up to some voltage. For most
applications, this voltage will be the same power supply
that supplies VCC to the MIC6315. I
t is possible, however, to tie this resistor to some other
voltage. This will allow the MIC6315 to monitor one
voltage while level-shifting the /RESET output to some
other voltage. The pull-up voltage must be limited to
6.0V or less (absolute maximum) to avoid damage to
the MIC6315. The resistor must be small enough to
supply current to the inputs and leakage paths that are
driven by the /RESET output.
3.2
/RESET Valid at Low Voltage
As VCC drops to 0V, the MIC6315 will no longer be able
to pull the /RESET output low. At this point, the pull-up
resistor will pull the output high. The value of the pull-up
resistor and the voltage it is connected to will affect the
point at which this happens.
3.3
Wire OR’ing the /RESET Output
Because the RESET output is open-drain, several
reset sources can be wire-OR’ed, in parallel, to allow
resets from multiple sources.
3.4
VCC Transients
The MIC6315 is relatively immune to negative-going
VCC glitches below the reset threshold. Typically, a
negative-going transient 125 mV below the reset
threshold with duration of 20 μs or less will not cause
an unwanted reset. If additional transient immunity is
needed, a bypass capacitor can be placed a close as
possible to the MIC6315.
FIGURE 3-1:
MIC6315 as Used in a
Multiple Supply System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com