Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC6315
Description  Open-Drain Microprocessor Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6315 Datasheet(HTML) 1 Page - Microchip Technology

  MIC6315 Datasheet HTML 1Page - Microchip Technology MIC6315 Datasheet HTML 2Page - Microchip Technology MIC6315 Datasheet HTML 3Page - Microchip Technology MIC6315 Datasheet HTML 4Page - Microchip Technology MIC6315 Datasheet HTML 5Page - Microchip Technology MIC6315 Datasheet HTML 6Page - Microchip Technology MIC6315 Datasheet HTML 7Page - Microchip Technology MIC6315 Datasheet HTML 8Page - Microchip Technology MIC6315 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006450B-page 1
MIC6315
Features
• Precision Voltage Monitor for 3V, 3.3V, or 5V
Power Supplies
• /RESET Remains Valid with VCC as Low as 1V
• 5 µA Supply Current
• 20 ms, 140 ms, or 1100 ms Minimum Reset Pulse
Widths Available
• Manual Reset Input
• Available in 4-Pin SOT-143 Package
Applications
• Portable Equipment
• Intelligent Instruments
• Critical Microprocessor Power Monitoring
• Printers/Computers
• Embedded Controllers
General Description
The MIC6315 is an inexpensive reset generator circuit
that monitors power supplies in microprocessor-based
systems.
The function of this device is to assert a reset if either
the power supply drops below a designated reset
threshold level or /MR is forced low. Several different
reset threshold levels are available to accommodate
3V, 3.3V, or 5V powered systems.
The MIC6315 has an active low, open-drain /RESET
output. The reset output remains asserted for a
minimum of either 20 ms, 140 ms, or 1100 ms after
VCC has risen above the designed reset threshold
level. The MIC6315 is available in a 4-pin SOT-143
package.
Package Type
MIC6315
4-Lead SOT-143 (U)
(Top View)
Open-Drain Microprocessor Reset Circuit


Similar Part No. - MIC6315

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
Open-Drain UP Reset Circuit
MIC6315 MICREL-MIC6315 Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315 Datasheet
523Kb / 8P
Open-Drain 關P Reset Circuit
MIC6315-26D2U MICREL-MIC6315-26D2U Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC6315-26D2U MICREL-MIC6315-26D2U Datasheet
349Kb / 6P
Open-Drain 關P Reset Circuit
More results

Similar Description - MIC6315

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
Open-Drain UP Reset Circuit
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
Open Drain Microprocessor Reset
27-Jul-2006
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
Open drain microprocessor reset
21-Mar-2007
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
Open-Drain 關P Reset Circuit
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
Open-Drain 關P Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com