Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC6315
Description  Open-Drain Microprocessor Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6315 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC6315 Datasheet HTML 4Page - Microchip Technology MIC6315 Datasheet HTML 5Page - Microchip Technology MIC6315 Datasheet HTML 6Page - Microchip Technology MIC6315 Datasheet HTML 7Page - Microchip Technology MIC6315 Datasheet HTML 8Page - Microchip Technology MIC6315 Datasheet HTML 9Page - Microchip Technology MIC6315 Datasheet HTML 10Page - Microchip Technology MIC6315 Datasheet HTML 11Page - Microchip Technology MIC6315 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC6315
DS20006450B-page 8
2021 - 2022 Microchip Technology Inc.
TABLE 4-1:
MARKING CODES
Part Number
Marking Code
Nominal VTH
Minimum tRST
MIC6315-26D2UY
NY
2.63V
20 ms
MIC6315-29D2UY
NM
2.93V
20 ms
MIC6315-30D2UY
N2
3.00V
20 ms
MIC6315-31D2UY
NF
3.08V
20 ms
MIC6315-40D2UY
NW
4.00V
20 ms
MIC6315-41D2UY
N6
4.10V
20 ms
MIC6315-44D2UY
NG
4.38V
20 ms
MIC6315-46D2UY
NQ
4.63V
20 ms
MIC6315-26D3UY
NR
2.63V
140 ms
MIC6315-26D3UY
NP
2.93V
140 ms
MIC6315-30D3UY
N3
3.00V
140 ms
MIC6315-31D3UY
NU
3.08V
140 ms
MIC6315-40D3UY
N8
4.00V
140 ms
MIC6315-41D3UY
N5
4.10V
140 ms
MIC6315-42D3UY
05
4.20V
140 ms
MIC6315-44D3UY
NH
4.38V
140 ms
MIC6315-46D3UY
NX
4.63V
140 ms
MIC6315-26D4UY
NS
2.63V
1100 ms
MIC6315-29D4UY
NN
2.93V
1100 ms
MIC6315-30D4UY
N4
3.00V
1100 ms
MIC6315-31D4UY
2N
3.08V
1100 ms
MIC6315-40D4UY
M9
4.00V
1100 ms
MIC6315-41D4UY
M7
4.10V
1100 ms
MIC6315-44D4UY
NJ
4.38V
1100 ms
MIC6315-46D4UY
NZ
4.63V
1100 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com