Electronic Components Datasheet Search
  English  ▼

X  

MIC6315 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC6315
Description  Open-Drain Microprocessor Reset Circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC6315 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC6315 Datasheet HTML 7Page - Microchip Technology MIC6315 Datasheet HTML 8Page - Microchip Technology MIC6315 Datasheet HTML 9Page - Microchip Technology MIC6315 Datasheet HTML 10Page - Microchip Technology MIC6315 Datasheet HTML 11Page - Microchip Technology MIC6315 Datasheet HTML 12Page - Microchip Technology MIC6315 Datasheet HTML 13Page - Microchip Technology MIC6315 Datasheet HTML 14Page - Microchip Technology MIC6315 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
2021 - 2022 Microchip Technology Inc.
DS20006450B-page 13
MIC6315
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC6315-26D2UY-TR:
MIC6315, 2.63V Nominal VTH
20 ms Min. Reset Time,
4-Lead SOT-143,
–40°C to +85°C Range,
3000/Reel
b) MIC6315-30D3UY-TR:
MIC6315, 3.00V Nominal VTH
140 ms Min. Reset Time,
4-Lead SOT-143,
–40°C to +85°C Range,
3000/Reel
c) MIC6315-44D4UY-TR:
MIC6315, 4.38V Nominal VTH
1100 ms Min. Reset Time,
4-Lead SOT-143,
–40°C to +85°C Range,
3000/Reel
d) MIC6315-46D2UY-TR:
MIC6315, 4.63V Nominal VTH
20 ms Min. Reset Time,
4-Lead SOT-143,
–40°C to +85°C Range,
3000/Reel
e) MIC6315-42D3UY-TR:
MIC6315, 4.20V Nominal VTH
140 ms Min. Reset Time,
4-Lead SOT-143,
–40°C to +85°C Range,
3000/Reel
f) MIC6315-29D4UY-TR:
MIC6315, 2.93V Nominal VTH
1100 ms Min. Reset Time,
4-Lead SOT-143,
–40°C to +85°C Range,
3000/Reel
Device:
MIC6315:
Open-Drain Microprocessor Reset Circuit
Nominal VTH:
26 =
2.63V
29 =
2.93V
30 =
3.00V
31 =
3.08V
40 =
4.00V
41 =
4.10V
42 =
4.20V (D3 Reset Time Only)
44 =
4.38V
46 =
4.63V
Minimum Reset
Time:
D2 =
20 ms
D3 =
140 ms
D4 =
1100 ms
Package:
U
=
4-Lead SOT-143
Operating Temp.
Range:
Y
=
–40°C to +85°C
Media Type:
TR =
3000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-XX
XX
X
X
-XX
Part No.
Nominal
VTH
Min. Reset
Time
Package
Temp.
Range
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com