Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix DG9421 Datasheet HTML 10Page - Vishay Siliconix DG9421 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DG9421, DG9422
www.vishay.com
Vishay Siliconix
S14-2339-Rev. H, 08-Dec-14
7
Document Number: 70679
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage Current vs. Temperature
Leakage vs. Analog Voltage
Insertion Loss, Off Isolation vs. Frequency
Leakage vs. Analog Voltage
Switching Time vs. Temperature and Supply Voltage (DG9421)
Switching Threshold vs. Supply Voltage
- 60
- 40
- 20
0
20
40
60
80
100
100
10
0.1
V+ = ± 5 V
I(on)
Temperature (°C)
1
I(off)
- 400
- 300
- 200
- 100
0
100
200
300
400
02468
10
12
VCOM, VNO, VNC - Analog Voltage (V)
INO(off)/INC(off)
ICOM(on)
V+ = 12 V
V- = 0 V
ICOM(off)
100K
- 90
1M
- 30
10
- 70
- 50
100M
Frequency (MHz)
- 80
OIRR
Loss
10M
- 10
0
- 60
- 40
- 20
V+ = 3 V
RL = 50
1G
- 100
- 60
- 20
20
60
100
VCOM, VNO, VNC - Analog Voltage (V)
INO(off)/INC(off)
ICOM(on)
V+ = 5 V
V- = 0 V
ICOM(off)
01
5
23
4
0
20
40
60
80
100
120
- 60
- 40
- 20
0
20
40
60
80
100
tON V+ = 3 V
Temperature (°C)
tON V+ = 5 V
tON V+ = 12 V
tOFF V+ = 12 V
tOFF V+ = 5 V
tOFF V+ = 3 V
0.0
0.5
1.0
1.5
2.0
2.5
02
46
8
10
12
V+ - Supply Voltage (V)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com