Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix DG9421 Datasheet HTML 10Page - Vishay Siliconix DG9421 Datasheet HTML 11Page - Vishay Siliconix DG9421 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DG9421, DG9422
www.vishay.com
Vishay Siliconix
S14-2339-Rev. H, 08-Dec-14
8
Document Number: 70679
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Charge Injection vs. Analog Voltage
Charge Injection vs. Analog Voltage
SCHEMATIC DIAGRAM (Typical Channel)
Fig. 1
TEST CIRCUITS
Fig. 2 - Switching Time
VCOM - Analog Voltage (V)
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
300
02
4
6
8
10
12
V+ = 12 V
V+ = 5 V
V+ = 3 V
VCOM - Analog Voltage (V)
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
300
- 6
- 4
- 2
0
2
4
6
V = ± 5 V
Level
Shift/
Drive
VIN
NC/NO
V+
GND
V-
COM
V-
V+
0 V
Logic
Input
Switch
Input*
Switch
Output
50 %
0 V
Switch
Input*
VS
tr < 5 ns
tf < 5 ns
90 %
- VS
tOFF
tON
VO
90 %
VO
Note: * Logic input waveform is inverted for switches that
have the opposite logic sense control
CL (includes fixture and stray capacitance)
V+
IN
RL
RL + rDS(on)
VO = VS
S
D
V-
VO
GND
CL
35 pF
V-
RL
300
Ω
V+
VS
VNC/NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com