Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG9421 Datasheet HTML 1Page - Vishay Siliconix DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DG9421, DG9422
www.vishay.com
Vishay Siliconix
S14-2339-Rev. H, 08-Dec-14
2
Document Number: 70679
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 7 mW/°C above 25 °C.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMIT
UNIT
V+ to V-
-0.3 to +13
V
GND to V-
7
VIN a, VS, VD
-0.3 to (V+ + 0.3)
or 50 mA, whichever occurs first
V/mA
Continuous Current (any terminal)
50
mA
Peak Current, S or D (pulsed at 1 ms, 10 % duty cycle)
100
Storage Temperature
-65 to +150
°C
Power Dissipation (Packages) b
6-Pin TSOP c
570
mW
SPECIFICATIONS a (Single Supply 12 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 12 V, V- = 0 V, VIN = 2.4 V, 0.8 V f
TEMP. b
LIMITS
-40 °C to +85°C
UNIT
MIN. d
TYP. c
MAX. d
Analog Switch
Analog Signal Range a
VANALOG
Full
0
-
12
V
Drain-Source
On-Resistance
RDS(on)
V+ = 10.8 V, V- = 0 V, IS = 5 mA, VD = 2 V/9 V
Room
-
2
3
Ω
Full
-
2
3.4
Switch Off
Leakage Current
IS(off)
VD = 1/11 V, VS = 11 V/1 V
Room
-1
-
1
nA
Full
-10
-
10
ID(off)
Room
-1
-
1
Full
-10
-
10
Channel-On
Leakage Current
ID(on)
VS = VD = 11 V/1 V
Room
-1
-
1
Full
-10
-
10
Digital Control
Input Current, VIN Low
IIL
VIN under test = 0.8 V
Full
-1
0.02
1
μA
Input Current, VIN High
IIH
VIN under test = 2.4 V
Full
-1
0.02
1
Dynamic Characteristics
Turn-On Time e
tON
RL = 300
Ω, CL = 35 pF, VS = 5 V
see figure 2
Room
-
20
45
ns
Full
-
-
49
Turn-Off Time e
tOFF
Room
-
25
47
Full
-
-
59
Charge Injection e
QVg = 0 V, Rg = 0
Ω, CL = 1 nF
Room
-
43
-
pC
Off-Isolation e
OIRR
RL = 50
Ω, CL = 5 pF, f = 1 MHz
Room
-
-60
-
dB
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
-
31
-
pF
Drain Off Capacitance e
CD(off)
Room
-
30
-
Channel On Capacitance e
CD(on)
Room
-
71
-
Power Supplies
Positive Supply Current
I+
VIN = 0 V or 12 V
Room
-
0.020
1
μA
Full
-
-
5
Negative Supply Current
I-
Room
-1
-0.002
-
Full
-5
-
-
Ground Current
IGND
Room
-1
-0.002
-
Full
-5
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com