Electronic Components Datasheet Search
  English  ▼

X  

DG9421 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG9421
Description  Precision Low-Voltage, Low-Glitch CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9421 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG9421 Datasheet HTML 1Page - Vishay Siliconix DG9421 Datasheet HTML 2Page - Vishay Siliconix DG9421 Datasheet HTML 3Page - Vishay Siliconix DG9421 Datasheet HTML 4Page - Vishay Siliconix DG9421 Datasheet HTML 5Page - Vishay Siliconix DG9421 Datasheet HTML 6Page - Vishay Siliconix DG9421 Datasheet HTML 7Page - Vishay Siliconix DG9421 Datasheet HTML 8Page - Vishay Siliconix DG9421 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DG9421, DG9422
www.vishay.com
Vishay Siliconix
S14-2339-Rev. H, 08-Dec-14
3
Document Number: 70679
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS a (Dual Supply ± 5 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 5 V, V- = -5 V, VIN = 2.4 V, 0.8 V f
TEMP. b
LIMITS
-40 °C to +85 °C
UNIT
MIN. d
TYP. c
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-5
-
5
V
Drain-Source
On-Resistance
RDS(on)
V+ = 5 V, V- = 5 V
IS = 5 mA, VD = ± 3.5 V
Room
-
2.2
3.2
Ω
Full
-
-
3.6
Switch Off
Leakage Current g
IS(off)
V+ = 5.5 V, V- = 5.5 V
VD = ± 4.5 V, VS =
4.5 V
Room
-1
-
1
nA
Full
-10
-
10
ID(off)
Room
-1
-
1
Full
-10
-
10
Channel-On
Leakage Current g
ID(on)
V+ = 5.5 V, V- = -5.5 V
VS = VD = ± 4.5 V
Room
-1
-
1
Full
-10
-
10
Digital Control
Input Current, VIN Low e
IIL
VIN under test = 0.8 V
Full
-1
0.02
1
μA
Input Current, VIN High e
IIH
VIN under test = 2.4 V
Full
-1
0.02
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300
Ω, CL = 35 pF, VS = ± 3.5 V
see figure 2
Room
-
38
63
ns
Full
-
-
68
Turn-Off Time
tOFF
Room
-
45
83
Full
-
-
97
Charge Injection e
QVg = 0 V, Rg = 0
Ω, CL = 1 nF
Room
-
207
-
pC
Off-Isolation e
OIRR
RL = 50
Ω, CL = 5 pF, f = 1 MHz
Room
-
-57
-
dB
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
-
32
-
pF
Drain Off Capacitance e
CD(off)
Room
-
31
-
Channel On Capacitance e
CD(on)
Room
-
71
-
Power Supplies
Positive Supply Current e
I+
VIN = 0 V or 5 V
Room
-
0.030
1
μA
Full
-
-
5
Negative Supply Current e
I-
Room
-1
-0.002
-
Full
-5
-
-
Ground Current e
IGND
Room
-1
-0.002
-
Full
-5
-
-
+−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com