Electronic Components Datasheet Search
  English  ▼

X  

SIP32475 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32475
Description  47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32475 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32475 Datasheet HTML 1Page - Vishay Siliconix SIP32475 Datasheet HTML 2Page - Vishay Siliconix SIP32475 Datasheet HTML 3Page - Vishay Siliconix SIP32475 Datasheet HTML 4Page - Vishay Siliconix SIP32475 Datasheet HTML 5Page - Vishay Siliconix SIP32475 Datasheet HTML 6Page - Vishay Siliconix SIP32475 Datasheet HTML 7Page - Vishay Siliconix SIP32475 Datasheet HTML 8Page - Vishay Siliconix SIP32475 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SiP32475
www.vishay.com
Vishay Siliconix
S20-0532-Rev. B, 06-Jul-2020
4
Document Number: 75792
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TJ = 25 °C, unless otherwise noted)
Fig. 5 - Quiescent Current vs. Input Voltage
Fig. 6 - Reverse Blocking Current vs. Temperature
Fig. 7 - Off Supply Current vs. Temperature
Fig. 8 - Quiescent Current vs. Temperature
Fig. 9 - Off Supply Current vs. Input Voltage
Fig. 10 - Off Switch Current vs. Input Voltage
10
100
1000
10000
0
1
2
3
4
5
6
7
8
01234567
Axis Title
V
IN - Input Voltage (V)
2nd line
10
100
1000
10000
-5000
-4000
-3000
-2000
-1000
0
-40
-10
20
50
80
110
140
Axis Title
Temperature (ºC)
V
IN = 1.2 V
V
IN = 0 V
VOUT = 5 V
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1000
-40 -20
0
20406080
100 120 140
Axis Title
Temperature (°C)ine
V
IN = +5.5 V
V
IN = +1.0 V
V
IN = +1.2 V
V
IN = +2.5 V
V
IN = +3.3 V
V
IN = +5 V
10
100
1000
10000
0
1
2
3
4
5
6
7
8
-60 -40 -20
0
20
40
60
80 100 120 140
Axis Title
Temperature (ºC)
V
IN = 5.5 V
V
IN = 5 V
V
IN = 3.3 V
V
IN = 2.5 V
V
IN = 1 V
V
IN = 1.2 V
10
100
1000
10000
0
100
200
300
400
500
600
700
800
900
01234567
Axis Title
V
IN - Input Voltage (V)2nd line
OUT=OPEN
10
100
1000
10000
0
100
200
300
400
500
600
700
800
900
012345678
Axis Title
V
IN - Input Voltage (V)
IN Current
OUT = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com