Electronic Components Datasheet Search
  English  ▼

X  

SIP32475 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32475
Description  47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32475 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32475 Datasheet HTML 1Page - Vishay Siliconix SIP32475 Datasheet HTML 2Page - Vishay Siliconix SIP32475 Datasheet HTML 3Page - Vishay Siliconix SIP32475 Datasheet HTML 4Page - Vishay Siliconix SIP32475 Datasheet HTML 5Page - Vishay Siliconix SIP32475 Datasheet HTML 6Page - Vishay Siliconix SIP32475 Datasheet HTML 7Page - Vishay Siliconix SIP32475 Datasheet HTML 8Page - Vishay Siliconix SIP32475 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SiP32475
www.vishay.com
Vishay Siliconix
S20-0532-Rev. B, 06-Jul-2020
3
Document Number: 75792
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - μDFN-4L 1 mm x 1 mm
DEVICE MARKING
Fig. 3 - μDFN-4L 1 mm x 1 mm
BLOCK DIAGRAM
Fig. 4 - Functional Block Diagram
PIN DESCRIPTION
PIN#
NAME
FUNCTION
3
OUT
Switch output
2
IN
Switch input
4
GND
Ground connection
1
EN
Switch on/off control. A pull down resistor is integrated
TRUTH TABLE
EN
SWITCH
1
On
0
Off
GND
EN
OUT
IN
Bottom view
Pin 1 Indicator
2
1
3
4
Pin 1 Indicator
Line 1 : plant code
Line 2 : D = device part number
W = assembly week
Line 3 : pin 1 dot + fab code
DW
Control
Logic
Charge
Pump
Turn On
Slew Rate
Control
Reverse
Blocking
IN
EN
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com