Electronic Components Datasheet Search
  English  ▼

X  

SIP32475 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP32475
Description  47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32475 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIP32475 Datasheet HTML 3Page - Vishay Siliconix SIP32475 Datasheet HTML 4Page - Vishay Siliconix SIP32475 Datasheet HTML 5Page - Vishay Siliconix SIP32475 Datasheet HTML 6Page - Vishay Siliconix SIP32475 Datasheet HTML 7Page - Vishay Siliconix SIP32475 Datasheet HTML 8Page - Vishay Siliconix SIP32475 Datasheet HTML 9Page - Vishay Siliconix SIP32475 Datasheet HTML 10Page - Vishay Siliconix SIP32475 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SiP32475
www.vishay.com
Vishay Siliconix
S20-0532-Rev. B, 06-Jul-2020
7
Document Number: 75792
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL WAVEFORMS
Fig. 20 - Enable Power Up
Fig. 21 - Enable Power Up
Fig. 22 - Enable Power Up
Fig. 23 - Enable Power Down
Fig. 24 - Enable Power Down
Fig. 25 - Enable Power Down
VOUT(200mV/div)
VIN(200mV/div)
VEN(500mV/div)
IOUT(10mA/div)
VIN=1.2V
RL=500Ω
CL=0.1μF
200 μs/div
VIN(500mV/div)
VOUT(500mV/div)
VEN(500mV/div)
IOUT(10mA/div)
VIN=1.8V
RL=500Ω
CL=0.1μF
100 μs/div
VIN=3.3V
RL=500Ω
CL=0.1μF
VIN(500mV/div)
VEN(1V/div)
VOUT(500mV/div)
IOUT(10mA/div)
100 μs/div
VIN(200mV/div)
VOUT(200mV/div)
VEN(500mV/div)
IOUT(10mA/div)
VIN=1.2V
RL=500Ω
CL=0.1μF
100 μs/div
VIN(500mV/div)
VEN(500mV/div)
VOUT(500mV/div)
IOUT(10mA/div)
VIN=1.8V
RL=500Ω
CL=0.1μF
20 μs/div
VIN=3.3V
RL=500Ω
CL=0.1μF
VIN(500mV/div)
VOUT(500mV/div)
VEN(1V/div)
IOUT(10mA/div)
10 μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com