Electronic Components Datasheet Search
  English  ▼

X  

SIP32475 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32475
Description  47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32475 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32475 Datasheet HTML 1Page - Vishay Siliconix SIP32475 Datasheet HTML 2Page - Vishay Siliconix SIP32475 Datasheet HTML 3Page - Vishay Siliconix SIP32475 Datasheet HTML 4Page - Vishay Siliconix SIP32475 Datasheet HTML 5Page - Vishay Siliconix SIP32475 Datasheet HTML 6Page - Vishay Siliconix SIP32475 Datasheet HTML 7Page - Vishay Siliconix SIP32475 Datasheet HTML 8Page - Vishay Siliconix SIP32475 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiP32475
www.vishay.com
Vishay Siliconix
S20-0532-Rev. B, 06-Jul-2020
1
Document Number: 75792
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
47 m
, 1.2 V to 5.5 V,
Low Quiescent Current Load Switch in Ultra Thin μDFN-4
DESCRIPTION
The SiP32475 is a compact, ultra thin high side load switch
that operates over a input voltage range from 1.2 V to 5.5 V.
Designed with a p-channel MOSFET featuring an adaptive
charge pump gate drive, the SiP32475 provides 47 m
switch on-resistance over a wide input voltage range and
maintains a low quiescent current level.
The SiP32475 also features slew rate control, reverse
blocking when the switch is off, and output discharge. With
guaranteed 1 V control logic high, the SiP32475 can
interface directly with a low voltage control I/O, without the
need for an extra level shift or driver. The device is logic high
enabled and a 2.8 M
 pulldown resistor is integrated at the
logic control EN pin. The slow slew rate of the SiP32475
limits the in-rush current and minimizes the switching noise.
The SiP32475 is available in the μDFN-4L 1 mm x 1 mm
package with a 0.3 mm thickness. The device is specified for
operation over a temperature range of -40 °C to +85 °C.
FEATURES
• 1.2 V to 5.5 V input voltage range
• 47 m
 typical on-resistance
• 3 μA quiescent current
• 2 A maximum continuous switch current
• Slew rate controlled turn on: 160 μs
• Guaranteed 1 V logic high over the input voltage range
• Reverse current blocking when the switch is off or VIN is
ground
• Integrated output discharge switch
• ESD performance per JESD 22: 4 kV HBM
• Compact μDFN-4L package with 0.3 mm thickness
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDAs / smart phones
• Notebook / netbook computers
•Tablet PCs
• Portable media players
• Digital cameras
• GPS navigation devices
• Data storage devices
• Medical and healthcare devices
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit
Available
ORDERING INFORMATION
PART NUMBER
PACKAGE
ton
(μs)
RDISCHARGE
MARK CODE
TEMPERATURE RANGE
SiP32475DN-T1-GE4
μDFN-4L 1 mm x 1 mm
300
Yes
D
-40 °C to +85 °C
SiP32475
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
CIN
COUT


Similar Part No. - SIP32475

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32475 VISHAY-SIP32475 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475DN-T1-GE4 VISHAY-SIP32475DN-T1-GE4 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
More results

Similar Description - SIP32475

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
Ultra Low Quiescent Current Smart Load Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
Ultra Low Quiescent Current Smart Load Switch
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32475 VISHAY-SIP32475 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
logo
Texas Instruments
TPS22950 TI-TPS22950_V03 Datasheet
1Mb / 28P
TPS22950x 5.5-V, 3.2-A, 34-mΩ Adjustable Current Limited Load Switch
REVISED FEBRUARY 2023
TPS22996 TI1-TPS22996 Datasheet
1Mb / 29P
TPS22996 5.5-V, 4-A, 14-mΩ On-Resistance Dual-Channel Load Switch
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com