Electronic Components Datasheet Search
  English  ▼

X  

ADL5390 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5390
Description  RF/IF Vector Multiplier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5390 Datasheet(HTML) 4 Page - Analog Devices

  ADL5390 Datasheet HTML 1Page - Analog Devices ADL5390 Datasheet HTML 2Page - Analog Devices ADL5390 Datasheet HTML 3Page - Analog Devices ADL5390 Datasheet HTML 4Page - Analog Devices ADL5390 Datasheet HTML 5Page - Analog Devices ADL5390 Datasheet HTML 6Page - Analog Devices ADL5390 Datasheet HTML 7Page - Analog Devices ADL5390 Datasheet HTML 8Page - Analog Devices ADL5390 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADL5390
Data Sheet
Rev. A | Page 4 of 23
Parameter
Conditions
Min
Typ
Max
Unit
Output Noise Floor
Maximum gain setpoint, no RF input
−147.5
dBm/Hz
RF PIN = −5 dBm, frequency offset = 20 MHz
−146
dBm/Hz
Output IP3
FRF1 = 380 MHz, FRF2 = 382.5 MHz, maximum
gain setpoint
24.2
dBm
Output 1 dB Compression Point
Maximum gain setpoint
11.3
dBm
Input 1 dB Compression Point
Gain setpoint = 0.1
8.3
dBm
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Gain Matching
At maximum gain setpoint
0.5
dB
Phase Matching
At maximum gain setpoint
±0.5
Degrees
Input Impedance
INPI, INMI, INMQ, INMP (Pins 20, 21, 22, 23)
200||1
Ω||pF
Output Return Loss
RFOP, RFOM (Pins 9, 10) measured through
balun
8.5
dB
FRF = 900 MHz
Maximum Gain
Maximum gain setpoint
4.5
dB
Gain Conformance
Over gain setpoint of 0.2 to 1.0
0.4
dB
Output Noise Floor
Maximum gain setpoint, no RF input
−149.5
dBm/Hz
RF PIN = −5 dBm, frequency offset = 20 MHz
−148
dBm/Hz
Output IP3
FRF1 = 900 MHz, FRF2 = 902.5 MHz, maximum
gain setpoint
23.3
dBm
Output 1 dB Compression Point
Maximum gain setpoint
11.5
dBm
Input 1 dB Compression Point
Gain setpoint = 0.1
8.5
dBm
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Gain Matching
At maximum gain setpoint
0.6
dB
Phase Matching
At maximum gain setpoint
±1
Degrees
Input Impedance
INPI, INMI, INMQ, INMP (Pins 20, 21, 22, 23)
180||0.6
Ω||pF
Output Return Loss
RFOP, RFOM (Pins 9, 10) measured through
balun
6.8
dB
FRF = 2400 MHz
Maximum Gain
Maximum gain setpoint
7.0
dB
Gain Conformance
Over gain setpoint of 0.2 to 1.0
0.5
dB
Output Noise Floor
Maximum gain setpoint, no RF input
−147
dBm/Hz
RF PIN = −5 dBm, frequency offset = 20 MHz
−144
dBm/Hz
Output IP3
FRF1 = 2400 MHz, FRF2 = 2402.5 MHz, maximum
gain setpoint
18.7
dBm
Output 1 dB Compression Point
Maximum gain setpoint
9.6
dBm
Input 1 dB Compression Point
Gain setpoint = 0.1
4.3
dBm
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Gain Matching
At maximum gain setpoint
0.8
dB
Phase Matching
At maximum gain setpoint
±2.5
Degrees
Input Impedance
INPI, INMI, INMQ, INMP (Pins 20, 21, 22, 23)
140||0.5
Ω||pF
Output Return Loss
RFOP, RFOM (Pins 9, 10) measured through
balun
13.5
dB
POWER SUPPLY
VPRF, VPS2 (Pin 1, 18, 6); RFOP, RFOM (Pins 9, 10)
Positive Supply Voltage
4.75
5
5.25
V
Total Supply Current
Includes load current
135
mA
OUTPUT DISABLE
DSOP (Pin 13)
Disable Threshold
2.5
V
Maximum Attenuation
DSOP = 5 V
40
dB
Enable Response Time
Delay following high-to-low transition until
device meets full specifications
15
ns
Disable Response Time
Delay following low-to-high transition until
device produces full attenuation
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com